Electronic Components Datasheet Search
  English  ▼

X  

LP38690 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP38690
Description  LP38690, LP38692 1-A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38690 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38690 Datasheet HTML 6Page - Texas Instruments LP38690 Datasheet HTML 7Page - Texas Instruments LP38690 Datasheet HTML 8Page - Texas Instruments LP38690 Datasheet HTML 9Page - Texas Instruments LP38690 Datasheet HTML 10Page - Texas Instruments LP38690 Datasheet HTML 11Page - Texas Instruments LP38690 Datasheet HTML 12Page - Texas Instruments LP38690 Datasheet HTML 13Page - Texas Instruments LP38690 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
-50
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
0.02
0.022
0.024
0.026
0.028
0.03
0.032
0.034
VIN = 4V
VIN = 6V
VIN = 10V
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
-50
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
-50
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
10
LP38690, LP38692
SNVS322M – DECEMBER 2004 – REVISED DECEMBER 2015
www.ti.com
Product Folder Links: LP38690 LP38692
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: TJ = 25°C, CIN = COUT = 10 µF, EN pin is tied to VIN (LP38692 only), VOUT = 1.8 V, VIN = VOUT + 1
V, IL = 10 mA.
Figure 23. Enable Voltage vs Temperature
Figure 24. Load Regulation vs Temperature
Figure 25. Line Regulation vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com