Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP5907
Description  LP5907 250mA, Low-Noise, Low-IQ LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5907 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 11Page - Texas Instruments LP5907 Datasheet HTML 12Page - Texas Instruments LP5907 Datasheet HTML 13Page - Texas Instruments LP5907 Datasheet HTML 14Page - Texas Instruments LP5907 Datasheet HTML 15Page - Texas Instruments LP5907 Datasheet HTML 16Page - Texas Instruments LP5907 Datasheet HTML 17Page - Texas Instruments LP5907 Datasheet HTML 18Page - Texas Instruments LP5907 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
7.2.2.4 Input Capacitor
An input capacitor is required for stability. The input capacitor must be at least equal to, or greater than, the
output capacitor for good load transient performance. Connect at least a 1µF capacitor between the LP5907
input pin and ground for stable operation over the full load current range. Basically, having more output
capacitance than input is acceptable, as long as the input is at least 1µF.
The input capacitor must be located a distance of not more than 1cm from the input pin and returned to a clean
analog ground. Any good quality ceramic, tantalum, or film capacitor can be used at the input.
Note
To provide stable operation, good PCB practices must be used to minimize ground impedance and
to keep input inductance low. If these conditions cannot be met, or if long leads are used to connect
the battery or other power source to the LP5907, increase the input capacitor to at least 10µF. Also,
tantalum capacitors can suffer catastrophic failures resulting from surge current when connected to a
low-impedance source of power (such as a battery or a very large capacitor). If a tantalum capacitor is
used at the input, verify by the manufacturer that the capacitor has a surge current rating sufficient for
the application. The initial tolerance, applied voltage derating, and temperature coefficient must all be
considered when selecting the input capacitor to make sure that the actual capacitance is never less
than 0.7µF over the entire operating range.
7.2.2.5 Output Capacitor
The LP5907 is designed specifically to work with a very small ceramic output capacitor, typically 1µF. A ceramic
capacitor (dielectric types X5R or X7R) in the 1µF to 10µF range, and with ESR between 5mΩ to 500mΩ, is
suitable in the LP5907 application circuit. For this device, connect the output capacitor between the OUT pin with
a good connection back to the GND pin.
Tantalum or film capacitors can also be used at the device output, VOUT, but these are not as attractive for
reasons of size and cost (see the Capacitor Characteristics section).
The output capacitor must meet the requirement for the minimum value of capacitance and have an ESR value
that is within the range of 5mΩ to 500mΩ for stability. Like the input capacitor, the initial tolerance, applied
voltage derating, and temperature coefficient must all be considered when selecting the input capacitor to make
sure that the actual capacitance is never less than 0.7µF over the entire operating range.
7.2.2.6 Capacitor Characteristics
The LP5907 is designed to work with ceramic capacitors on the input and output to take advantage of the
benefits these components offer. For capacitance values in the range of 1µF to 10µF, ceramic capacitors are the
smallest, least expensive and have the lowest ESR values, thus making them best for eliminating high-frequency
noise. The ESR of a typical 1µF ceramic capacitor is in the range of 20mΩ to 40mΩ, which easily meets the
ESR requirement for stability for the LP5907.
A better choice for temperature coefficient in a ceramic capacitor is X7R. This type of capacitor is the
most stable and holds the capacitance within ±15% over the temperature range. Tantalum capacitors are
less desirable than ceramic for use as output capacitors because they are more expensive when comparing
equivalent capacitance and voltage ratings in the 1µF to 10µF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. Which means that although a tantalum capacitor can possibly be found with an ESR value within
the stable range, the capacitor must be larger in capacitance (which means bigger and more costly) than a
ceramic capacitor with the same ESR value. The ESR of a typical tantalum increases by approximately 2:1 when
the temperature goes from 25°C down to –40°C, so some guard band must be allowed.
www.ti.com
LP5907
SNVS798Q – APRIL 2012 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LP5907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com