Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP5907
Description  LP5907 250mA, Low-Noise, Low-IQ LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5907 Datasheet(HTML) 5 Page - Texas Instruments

  LP5907 Datasheet HTML 1Page - Texas Instruments LP5907 Datasheet HTML 2Page - Texas Instruments LP5907 Datasheet HTML 3Page - Texas Instruments LP5907 Datasheet HTML 4Page - Texas Instruments LP5907 Datasheet HTML 5Page - Texas Instruments LP5907 Datasheet HTML 6Page - Texas Instruments LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
LP5907
UNIT
DBV
(SOT-23)
DQN
(X2SON)
YCR
(DSBGA)
YKE
(DSBGA)
YKG
(DSBGA)
YKM
(DSBGA)
5 PINS
4 PINS
4 PINS
4 PINS
4 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
193.4
216.1
189.4
206.1
191.6
194.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
102.1
161.7
2.4
1.5
2.4
3.0
°C/W
RθJB
Junction-to-board thermal resistance
45.8
162.1
56.6
37.0
58.9
62.7
°C/W
ψJT
Junction-to-top characterization parameter
8.4
5.1
1.1
15.0
1.1
1.1
°C/W
ψJB
Junction-to-board characterization parameter
45.3
161.7
56.5
36.8
58.9
62.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
123.0
n/a
n/a
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Electrical Characteristics
VIN = VOUT(NOM) + 1V, VEN = 1.2V, IOUT = 1mA, CIN = 1µF, and COUT = 1µF (unless otherwise noted)(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
TA = 25°C
2.2
5.5
V
ΔVOUT
Output voltage tolerance
VIN = (VOUT(NOM) + 1V) to 5.5V,
IOUT = 1mA to 250mA
–2
2
%VOUT
VIN = (VOUT(NOM) + 1V) to 5.5V,
IOUT = 1mA to 250mA
(VOUT < 1.8V, SOT-23, X2SON packages)
–3
3
Line regulation
VIN = (VOUT(NOM) + 1V) to 5.5V,
IOUT = 1mA
0.02
%/V
Load regulation
IOUT = 1mA to 250mA
0.001
%/mA
ILOAD
Load current
See(4)
0
250
mA
Maximum output current
250
mA
IQ
Quiescent current(5)
VEN = 1.2V, IOUT = 0mA
12
25
μA
VEN = 1.2V, IOUT = 250mA
250
425
VEN = 0.3V (disabled)
0.2
1
IG
Ground current(6)
VEN = 1.2V, IOUT = 0mA
14
μA
VDO
Dropout voltage(7)
IOUT = 100mA
50
mV
IOUT = 250mA (DSBGA package)
120
200
IOUT = 250mA (SOT-23, X2SON packages)
250
ISC
Short-circuit current limit
TA = 25°C(8)
250
500
mA
PSRR
Power-supply rejection ratio(9)
f = 100Hz, IOUT = 20mA
90
dB
f = 1kHz, IOUT = 20mA
82
f = 10kHz, IOUT = 20mA
65
f = 100kHz, IOUT = 20mA
60
eN
Output noise voltage(9)
BW = 10Hz to 100kHz
IOUT = 1mA
10
µVRMS
IOUT = 250mA
6.5
RAD
Output automatic discharge
pulldown resistance
VEN < VIL (output disabled)
230
Ω
TSD
Thermal shutdown
TJ rising
160
°C
Thermal hysteresis
TJ falling from shutdown
15
LOGIC INPUT THRESHOLDS
www.ti.com
LP5907
SNVS798Q – APRIL 2012 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LP5907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com