Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 16 Page - Texas Instruments

Part # LP5907
Description  LP5907 250mA, Low-Noise, Low-IQ LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5907 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 12Page - Texas Instruments LP5907 Datasheet HTML 13Page - Texas Instruments LP5907 Datasheet HTML 14Page - Texas Instruments LP5907 Datasheet HTML 15Page - Texas Instruments LP5907 Datasheet HTML 16Page - Texas Instruments LP5907 Datasheet HTML 17Page - Texas Instruments LP5907 Datasheet HTML 18Page - Texas Instruments LP5907 Datasheet HTML 19Page - Texas Instruments LP5907 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
7.2.2.7 Remote Capacitor Operation
The LP5907 requires at least a 1µF capacitor at the OUT pin, but there are no strict requirements about the
location of the capacitor in regards to the pin. In practical designs the output capacitor can be located up to 10cm
away from the LDO. Which means that there is no need to have a special capacitor close to the output pin if
there is already respective capacitors in the system (such as a capacitor at the input of supplied device). The
remote capacitor feature helps minimize the number of capacitors in the system.
In general, keep the wiring parasitic inductance at a minimum, which means use traces as wide as possible from
the LDO output to the capacitors, thus keeping the LDO output trace layer as close to ground layer as possible
and avoiding vias on the path. If vias must be used, use as many vias as possible between the connection
layers. Keep parasitic wiring inductance less than 35nH. For applications with fast load transients, use an input
capacitor equal to or larger to the sum of the capacitance at the output node for best load transient performance.
7.2.2.8 No-Load Stability
The LP5907 remains stable, and in regulation, with no external load.
7.2.2.9 Enable Control
The LP5907 can be switched on or off by a logic input at the EN pin. A voltage on this pin greater than VIH turns
the device on, and a voltage less than VIL turns the device off.
When the EN pin is low, the regulator output is off and the device typically consumes less than 1μA. Additionally,
an output pulldown circuit is activated that makes sure any charge stored on COUT is discharged to ground.
If the application does not require the shutdown feature, the EN pin can be tied directly to the IN pin to keep the
regulator output permanently on.
An internal 1MΩ pulldown resistor ties the EN input to ground, making sure the device remains off if the EN pin
is left open circuit. To provide proper operation, the signal source used to drive the EN pin must be able to swing
above and below the specified turn-on or turn-off voltage thresholds listed in the Electrical Characteristics under
VIL and VIH.
7.2.3 Application Curves
20
s/DIV
VOUT
1V/DIV
EN
1V/DIV
SVA-30180515
Figure 7-2. Start-Up
100
s/DIV
VOUT
100 mV/DIV
LOAD
200 mA/DIV
SVA-30180514
Figure 7-3. Load Transient Response
7.3 Power Supply Recommendations
This device is designed to operate from an input supply voltage range of 2.2V to 5.5V. The input supply must
be well regulated and free of spurious noise. To make sure that the LP5907 output voltage is well regulated and
dynamic performance is optimum, the input supply must be at least VOUT + 1V. A minimum capacitor value of
1µF is required to be within 1cm of the IN pin.
LP5907
SNVS798Q – APRIL 2012 – REVISED JULY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LP5907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com