Electronic Components Datasheet Search
  English  ▼

X  

S-882Z Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-882Z
Description  ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-882Z Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-882Z Datasheet HTML 1Page - Seiko Instruments Inc S-882Z Datasheet HTML 2Page - Seiko Instruments Inc S-882Z Datasheet HTML 3Page - Seiko Instruments Inc S-882Z Datasheet HTML 4Page - Seiko Instruments Inc S-882Z Datasheet HTML 5Page - Seiko Instruments Inc S-882Z Datasheet HTML 6Page - Seiko Instruments Inc S-882Z Datasheet HTML 7Page - Seiko Instruments Inc S-882Z Datasheet HTML 8Page - Seiko Instruments Inc S-882Z Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP
Rev.1.2_00
S-882Z Series
Seiko Instruments Inc.
3
Product Name Structure
The discharge start voltage for the S-882Z Series can be selected at the user’s request. Refer to “1. Product
Name” for the definition of the product name and “2. Product Name List” for the full product names.
1.
Product Name
S-882Z xx - M5T1 G
Package name (abbreviation) and packing specifications
*1
M5T1 : SOT-23-5, tape
Discharge start voltage
18 : 1.8 V
20 : 2.0 V
22 : 2.2 V
24 : 2.4 V
*1.
Refer to the taping specifications at the end of this book.
2.
Product Name List
Table 1
Discharge Start Voltage
Shutdown Voltage
Product Name
1.8 V
± 0.1 V
1.9 V
± 0.1 V
S-882Z18-M5T1G
2.0 V
± 0.1 V
2.1 V
± 0.1 V
S-882Z20-M5T1G
2.2 V
± 0.1 V
2.3 V
± 0.1 V
S-882Z22-M5T1G
2.4 V
± 0.1 V
2.5 V
± 0.1 V
S-882Z24-M5T1G
Remark
Contact the SII marketing department for products with discharge
start voltage other than those specified above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com