Electronic Components Datasheet Search
  English  ▼

X  

S-882Z Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S-882Z
Description  ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-882Z Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S-882Z Datasheet HTML 8Page - Seiko Instruments Inc S-882Z Datasheet HTML 9Page - Seiko Instruments Inc S-882Z Datasheet HTML 10Page - Seiko Instruments Inc S-882Z Datasheet HTML 11Page - Seiko Instruments Inc S-882Z Datasheet HTML 12Page - Seiko Instruments Inc S-882Z Datasheet HTML 13Page - Seiko Instruments Inc S-882Z Datasheet HTML 14Page - Seiko Instruments Inc S-882Z Datasheet HTML 15Page - Seiko Instruments Inc S-882Z Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP
S-882Z Series
Rev.1.2_00
12
Seiko Instruments Inc.
Example of Connection with Step-up DC-DC Converter
The following are the connection examples based on the set condition.
The symbols used in the connection diagram are described in Table 7 below.
Table 7
Symbol
Description
SD1
A Schottky diode for preventing a voltage decline in the VDD pin due to output capacitor CL at
step-up DC-DC converter startup.
CVDD
The power smoothing capacitor of the step-up DC-DC converter. Set the capacitance value so
that CVDD
≤ CCPOUT × 0.1.
SD2, ROUT
A Schottky diode and pull-down resistor to prevent the OUT pin voltage of the S-882Z Series
from exceeding the absolute maximum rated voltage.
R1, R2
Bleeder resistors to prevent the VM pin voltage of the S-882Z Series from exceeding the
absolute maximum rated voltage.
1. VOUT
≤ 3.0 V, CL ≤ CCPOUT × 0.1, no load
VIN
CIN
VIN
CCPOUT
VIN
OUT
VM
VSS
S-882Z Series
VSS
CL
VOUT
Step-up DC-DC converter
VDD
OUT
CPOUT
Figure 16
2. VOUT
≤ 3.0 V, CL > CCPOUT × 0.1
VIN
CIN
VIN
CCPOUT
VIN
OUT
VM
VSS
S-882Z Series
VSS
CL
VOUT
Step-up DC-DC converter
CVDD
VDD
OUT
CPOUT
SD1
Figure 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com