Electronic Components Datasheet Search
  English  ▼

X  

S-882Z Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-882Z
Description  ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-882Z Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-882Z Datasheet HTML 1Page - Seiko Instruments Inc S-882Z Datasheet HTML 2Page - Seiko Instruments Inc S-882Z Datasheet HTML 3Page - Seiko Instruments Inc S-882Z Datasheet HTML 4Page - Seiko Instruments Inc S-882Z Datasheet HTML 5Page - Seiko Instruments Inc S-882Z Datasheet HTML 6Page - Seiko Instruments Inc S-882Z Datasheet HTML 7Page - Seiko Instruments Inc S-882Z Datasheet HTML 8Page - Seiko Instruments Inc S-882Z Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP
S-882Z Series
Rev.1.2_00
4
Seiko Instruments Inc.
Pin Configurations
Table 2
Pin No. Pin Name
Pin Description
1
OUT
Output pin (step-up DC-DC converter connection pin)
2
VSS
GND pin
3
VM
Step-up DC-DC converter output voltage monitor pin
4
VIN
Power supply input pin
5
CPOUT
Startup capacitor connection pin
SOT-23-5
Top view
5
4
3
2
1
Figure 2
Absolute Maximum Ratings
Table 3
(Ta
= 25°C unless otherwise specified)
Parameter
Symbol
Absolute Maximum Rating
Unit
VIN pin voltage
VIN
VSS
− 0.3 to VSS + 3.3
V
CPOUT pin voltage
VCPOUT
VSS
− 0.3 to VSS + 3.3
V
OUT pin voltage
VOUT
VSS
− 0.3 to VSS + 3.3
V
VM pin voltage
VVM
VSS
− 0.3 to VSS + 3.3
V
Power dissipation
PD
300 (When not mounted on board)
mW
600
*1
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1.
When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
600
400
0
Ambient Temperature (Ta) [
°C]
200
100
300
500
700
Figure 3 Power Dissipation of Package (When Mounted on Board)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com