Electronic Components Datasheet Search
  English  ▼

X  

S-882Z Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S-882Z
Description  ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-882Z Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S-882Z Datasheet HTML 10Page - Seiko Instruments Inc S-882Z Datasheet HTML 11Page - Seiko Instruments Inc S-882Z Datasheet HTML 12Page - Seiko Instruments Inc S-882Z Datasheet HTML 13Page - Seiko Instruments Inc S-882Z Datasheet HTML 14Page - Seiko Instruments Inc S-882Z Datasheet HTML 15Page - Seiko Instruments Inc S-882Z Datasheet HTML 16Page - Seiko Instruments Inc S-882Z Datasheet HTML 17Page - Seiko Instruments Inc S-882Z Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ULTRA-LOW VOLTAGE OPERATION CHARGE PUMP IC FOR STEP-UP DC-DC CONVERTER STARTUP
S-882Z Series
Rev.1.2_00
14
Seiko Instruments Inc.
Precautions
• If the consumption current (ISSS) during shutdown needs to be kept at 0.8 µA or lower, set the VM pin voltage (VVM)
so that conditions (1) and (2) below are satisfied.
(1) VVM
≥ VOFF
(2) VIN
+ 1.0 V ≤ VVM ≤ 3.0 V
• If the discharge start voltage (VCPOUT1) of this IC is lower than the operating voltage of the step-up DC-DC converter
to be started, the step-up DC-DC converter may not start up. When selecting products, fully check them using an
actually mounted model. (Refer to
Selection of Product and Startup Capacitor (CCPOUT).)
• Select a capacitor with a sufficiently large capacitance for the startup capacitor. In the case of a capacitor with
insufficient capacitance, the step-up DC-DC converter may not start up. When selecting products, fully check them
using an actually mounted model. (Refer to
Selection of Product and Startup Capacitor (CCPOUT).)
• The discharge start delay time (tOUT) is longer according to conditions (1), (2), and (3) below. Also note it is further
longer when these conditions are combined.
(1) The operating input voltage (VIN) is low.
(2) The discharge start voltage (VCPOUT1) is high.
(3) The startup capacitor value (CCPOUT) is large.
• When stopping the discharge to OUT pin and recharging a startup capacitor (CCPOUT), CCPOUT is needed to be
charged until CPOUT pin voltage (VCPOUT) is lowered less than discharge stop voltage (VCPOUT2). In this case, set
the condition as follows:
Condition: OUT pin voltage (VOUT)< Discharge stop voltage (VCPOUT2)
• Note that the operation to restart a step-up DC-DC converter does not start when CPOUT pin voltage (VCPOUT)
exceeds the discharge stop voltage (VCPOUT2) even if the power-off state is released. This operation restarts if
VCPOUT is lowered than VCPOUT2 by discharge of a start-up capacitor (CCPOUT).
• When designing for mass production using an application circuit described herein, the product deviation and
temperature characteristics should be taken into consideration. SII shall not bear any responsibility for the products
on the circuits described herein.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protection circuit.
• SII claims no responsibility for any disputes arising out of or in connection with any infringement by products
including this IC of patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com