Electronic Components Datasheet Search
  English  ▼

X  

BLF369 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF369
Description  Multi-use VHF power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF369 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF369 Datasheet HTML 3Page - NXP Semiconductors BLF369 Datasheet HTML 4Page - NXP Semiconductors BLF369 Datasheet HTML 5Page - NXP Semiconductors BLF369 Datasheet HTML 6Page - NXP Semiconductors BLF369 Datasheet HTML 7Page - NXP Semiconductors BLF369 Datasheet HTML 8Page - NXP Semiconductors BLF369 Datasheet HTML 9Page - NXP Semiconductors BLF369 Datasheet HTML 10Page - NXP Semiconductors BLF369 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BLF369_3
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 03 — 29 January 2008
7 of 17
NXP Semiconductors
BLF369
Multi-use VHF power LDMOS transistor
7.4 Maximum heatsink temperature
The heatsink temperature is defined 1 mm below the surface of the heatsink at the center
of the flange.
The maximum allowable heatsink temperature is given in the following graphs at several
pulsed conditions as well as for CW.
f = 225 MHz; VDS =32V; IDq =2 × 1 A; tp = 100 µs;
δ = 10 %.
f = 225 MHz; VDS = 32 V; IDq =2 × 1 A; tp = 100 µs;
δ = 10 %.
Fig 8.
Pulsed power gain as function of load power;
typical values
Fig 9.
Pulsed drain efficiency as function of
load power; typical values
PL (W)
0
800
600
200
400
001aah500
17
19
21
Gp
(dB)
15
PL (W)
0
800
600
200
400
001aah501
30
50
70
ηD
(%)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com