Electronic Components Datasheet Search
  English  ▼

X  

OPA2188 Datasheet(PDF) 24 Page - Texas Instruments

Part # OPA2188
Description  OPA188 Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2188 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA2188 Datasheet HTML 20Page - Texas Instruments OPA2188 Datasheet HTML 21Page - Texas Instruments OPA2188 Datasheet HTML 22Page - Texas Instruments OPA2188 Datasheet HTML 23Page - Texas Instruments OPA2188 Datasheet HTML 24Page - Texas Instruments OPA2188 Datasheet HTML 25Page - Texas Instruments OPA2188 Datasheet HTML 26Page - Texas Instruments OPA2188 Datasheet HTML 27Page - Texas Instruments OPA2188 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
OPA188
RTD
Pt100
R5
105.8 kŸ
(1)
V
OUT
R3
60.4 kŸ
R1
4.99 kŸ
R2
49.1 kŸ
R4
1 kŸ
1 µF
1 µF
REF5050
15 V
In
Out
(5 V)
0°C = 0 V
200°C = 5 V
Copyright © 2016, Texas Instruments Incorporated
24
OPA188
SBOS642C – MARCH 2013 – REVISED JANUARY 2020
www.ti.com
Product Folder Links: OPA188
Submit Documentation Feedback
Copyright © 2013–2020, Texas Instruments Incorporated
9.2.6 RTD Amplifier With Linearization
See Analog Linearization Of Resistance Temperature Detectors for an in-depth analysis of Figure 50 . Click the
following link to download the TINA-TI file: RTD Amplifier with Linearization.
(1)
R5 provides positive-varying excitation to linearize output.
Figure 50. RTD Amplifier With Linearization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com