Electronic Components Datasheet Search
  English  ▼

X  

OPA2188 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA2188
Description  OPA188 Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2188 Datasheet(HTML) 3 Page - Texas Instruments

  OPA2188 Datasheet HTML 1Page - Texas Instruments OPA2188 Datasheet HTML 2Page - Texas Instruments OPA2188 Datasheet HTML 3Page - Texas Instruments OPA2188 Datasheet HTML 4Page - Texas Instruments OPA2188 Datasheet HTML 5Page - Texas Instruments OPA2188 Datasheet HTML 6Page - Texas Instruments OPA2188 Datasheet HTML 7Page - Texas Instruments OPA2188 Datasheet HTML 8Page - Texas Instruments OPA2188 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
1
2
3
4
8
7
6
5
NC
V+
OUT
NC
NC
(1)
-IN
+IN
V-
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
3
OPA188
www.ti.com
SBOS642C – MARCH 2013 – REVISED JANUARY 2020
Product Folder Links: OPA188
Submit Documentation Feedback
Copyright © 2013–2020, Texas Instruments Incorporated
5 Device Comparison Table
5.1 Portfolio Comparison
Table 1. Zero-Drift Amplifier Portfolio
VERSION
PRODUCT
OFFSET VOLTAGE
(µV, maximum)
OFFSET VOLTAGE DRIFT
(µV/°C, maximum)
BANDWIDTH
(MHz)
INPUT VOLTAGE NOISE
(µVPP, f = 0.1 Hz to 10 Hz)
Single
OPA188 (4 V to 36 V)
±25
±0.085
2
0.25
OPA333 (5 V)
±10
±0.05
0.35
1.1
OPA378 (5 V)
±50
±0.25
0.9
0.4
OPA735 (12 V)
±5
±0.05
1.6
2.5
Dual
OPA2188 (4 V to 36 V)
±25
±0.085
2
0.25
OPA2333 (5 V)
±10
±0.05
0.35
1.1
OPA2378 (5 V)
±50
±0.25
0.9
0.4
OPA2735 (12 V)
±5
±0.05
1.6
2.5
Quad
OPA4330 (5 V)
±50
±0.25
0.35
1.1
6 Pin Configuration and Functions
OPA188 D and DGK Packages
8-Pin SOIC and 8-Pin VSSOP
Top View
OPA188 DBV Package
5-Pin SOT-23
Top View
(1)
NC = no connection.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
D, DGK
DBV
+IN
3
3
I
Noninverting input
–IN
2
4
I
Inverting input
NC
1, 5, 8
—
—
No internal connection (can be left floating)
OUT
6
1
O
Output
V+
7
5
—
Positive (highest) power supply
V–
4
2
—
Negative (lowest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com