Electronic Components Datasheet Search
  English  ▼

X  

OPA2188 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA2188
Description  OPA188 Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2188 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2188 Datasheet HTML 2Page - Texas Instruments OPA2188 Datasheet HTML 3Page - Texas Instruments OPA2188 Datasheet HTML 4Page - Texas Instruments OPA2188 Datasheet HTML 5Page - Texas Instruments OPA2188 Datasheet HTML 6Page - Texas Instruments OPA2188 Datasheet HTML 7Page - Texas Instruments OPA2188 Datasheet HTML 8Page - Texas Instruments OPA2188 Datasheet HTML 9Page - Texas Instruments OPA2188 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
OPA188
SBOS642C – MARCH 2013 – REVISED JANUARY 2020
www.ti.com
Product Folder Links: OPA188
Submit Documentation Feedback
Copyright © 2013–2020, Texas Instruments Incorporated
(1)
VS / 2 = midsupply.
(2)
1000-hour life test at 125°C demonstrated randomly distributed variation in the range of measurement limits—approximately 4 μV.
7.6
Electrical Characteristics: Low-Voltage Operation
at TA = 25°C, VS = ±2 V to < ±4 V (VS = 4 V to < 8 V), RL = 10 kΩ connected to VS / 2
(1), and V
CM = VOUT = VS / 2
(1) (unless
otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
±6
±25
μV
TA = –40°C to +125°C
±0.03
±0.085
μV/°C
PSRR
Power-supply rejection ratio
VS = 4 V to 36 V,
TA = –40°C to +125°C
0.075
0.3
μV/V
Long-term stability(2)
4
μV
INPUT BIAS CURRENT
IB
Input bias current
±160
±1400
pA
TA = –40°C to +125°C
±18
nA
IOS
Input offset current
±320
±2800
pA
TA = –40°C to +125°C
±6
nA
NOISE
en
Input voltage noise
f = 0.1 Hz to 10 Hz
250
nVPP
f = 0.1 Hz to 10 Hz
40
nVrms
Input voltage noise density
f = 1 kHz
8.8
nV/
√Hz
in
Input current noise density
f = 1 kHz
7
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
TA = –40°C to +125°C
V–
(V+) – 1.5
V
CMRR
Common-mode rejection ratio
(V–) < VCM < (V+) – 1.5 V
106
114
dB
(V–) + 0.5 V < VCM < (V+) – 1.5 V,
VS = ±2 V
114
120
dB
(V–) + 0.5 V < VCM < (V+) – 1.5 V,
VS = ±2 V, TA = –40°C to +125°C
110
120
dB
INPUT IMPEDANCE
ZID
Differential
100 || 6
MΩ || pF
ZIC
Common-mode
6 || 9.5
1012 Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 0.5 V < VO < (V+) – 0.5 V,
RL = 5 kΩ
110
120
dB
(V–) + 0.5 V < VO < (V+) – 0.5 V
120
130
dB
(V–) + 0.5 V < VO < (V+) – 0.5 V,
TA = –40°C to +125°C
110
120
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
2
MHz
SR
Slew rate
G = +1
0.8
V/μs
tOR
Overload recovery time
VIN × G = VS
1
μs
THD+N
Total harmonic distortion + noise
1 kHz, G = 1, VOUT = 1 Vrms
0.0001%
OUTPUT
Voltage output swing from rail
No load
6
15
mV
RL = 10 kΩ
220
250
mV
TA = –40°C to +125°C
310
350
mV
ISC
Short-circuit current
Sinking
–18
mA
Sourcing
16
mA
RO
Open-loop output resistance
f = 1 MHz, IO = 0
120
Ω
CLOAD
Capacitive load drive
1
nF
POWER SUPPLY
IQ
Quiescent current (per amplifier)
VS = ±2 V to VS = ±4 V
425
485
μA
IO = 0 mA, TA = –40°C to +125°C
575
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com