Electronic Components Datasheet Search
  English  ▼

X  

OPA211 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA211
Description  OPAx211 1.1-nv/√Hz Noise, Low Power, Precision Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA211 Datasheet(HTML) 2 Page - Texas Instruments

  OPA211 Datasheet HTML 1Page - Texas Instruments OPA211 Datasheet HTML 2Page - Texas Instruments OPA211 Datasheet HTML 3Page - Texas Instruments OPA211 Datasheet HTML 4Page - Texas Instruments OPA211 Datasheet HTML 5Page - Texas Instruments OPA211 Datasheet HTML 6Page - Texas Instruments OPA211 Datasheet HTML 7Page - Texas Instruments OPA211 Datasheet HTML 8Page - Texas Instruments OPA211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
OPA211, OPA2211
SBOS377L – OCTOBER 2006 – REVISED JANUARY 2020
www.ti.com
Product Folder Links: OPA211 OPA2211
Submit Documentation Feedback
Copyright © 2006–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 6
6.1
Absolute Maximum Ratings ...................................... 6
6.2
ESD Ratings.............................................................. 6
6.3
Recommended Operating Conditions ....................... 6
6.4
Thermal Information: OPA211 and OPA211A .......... 7
6.5
Thermal Information: OPA2211 and OPA2211A ...... 7
6.6
Electrical Characteristics: Standard Grade
OPAx211A ................................................................. 8
6.7
Electrical Characteristics: High-Grade OPAx211.... 10
6.8
Typical Characteristics ............................................ 12
7
Detailed Description ............................................ 19
7.1
Overview ................................................................. 19
7.2
Functional Block Diagram ....................................... 19
7.3
Feature Description................................................. 19
7.4
Device Functional Modes........................................ 21
8
Application and Implementation ........................ 22
8.1
Application Information............................................ 22
8.2
Typical Application ................................................. 27
9
Power Supply Recommendations ...................... 28
10
Layout................................................................... 28
10.1
Layout Guidelines ................................................. 28
10.2
Layout Example .................................................... 29
11
Device and Documentation Support ................. 30
11.1
Device Support...................................................... 30
11.2
Documentation Support ........................................ 30
11.3
Related Links ........................................................ 31
11.4
Receiving Notification of Documentation Updates 31
11.5
Support Resources ............................................... 31
11.6
Trademarks ........................................................... 31
11.7
Electrostatic Discharge Caution ............................ 31
11.8
Glossary ................................................................ 31
12
Mechanical, Packaging, and Orderable
Information ........................................................... 31
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision K (September 2018) to Revision L
Page
•
Deleted NOM value from supply voltage in the Recommended Operating Conditions table ................................................ 6
•
Changed operating temperature to specified temperature in Recommended Operating Conditons table, and
changed MIN and MAX from –55°C and +150°C to –40°C and +125°C, respectively .......................................................... 6
•
Changed electrical characteristics table titles to clarify difference between standard and high-grade devices..................... 8
Changes from Revision J (February 2018) to Revision K
Page
•
Changed format of GPN from "OPA2x11" to "OPAx211" ...................................................................................................... 1
•
Corrected system-generated errors: "Time" units from "ms/div" back to "µs/div" and unit for resistors from "W" back
to "Ω" in Typical Characteristics .......................................................................................................................................... 12
•
Corrected system-generated error in unit for resistors from "W" back to "Ω" in Figure 43 ................................................. 21
•
Reverted Figure 51 back to that of rev. I ............................................................................................................................. 29
Changes from Revision I (June 2016) to Revision J
Page
•
Changed product status from mixed product status to production data ................................................................................ 1
•
Deleted Device Comparison table ......................................................................................................................................... 4
•
Changed formatting of document reference in EMI Rejection section ................................................................................. 24
•
Changed formatting of document references in SON Layout Guidelines section ................................................................ 29
•
Changed formatting of document references in Related Documentation section ................................................................ 30
Changes from Revision H (November 2015) to Revision I
Page
•
Changed the SON pin number for V+ from 4 to 7 in the Pin Functions: OPA211 table ....................................................... 4
•
Changed the SON pin number for V- From: 7 To: 4 in the Pin Functions: OPA211 table .................................................... 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com