Electronic Components Datasheet Search
  English  ▼

X  

OPA211 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA211
Description  OPAx211 1.1-nv/√Hz Noise, Low Power, Precision Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA211 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA211 Datasheet HTML 17Page - Texas Instruments OPA211 Datasheet HTML 18Page - Texas Instruments OPA211 Datasheet HTML 19Page - Texas Instruments OPA211 Datasheet HTML 20Page - Texas Instruments OPA211 Datasheet HTML 21Page - Texas Instruments OPA211 Datasheet HTML 22Page - Texas Instruments OPA211 Datasheet HTML 23Page - Texas Instruments OPA211 Datasheet HTML 24Page - Texas Instruments OPA211 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21
OPA211, OPA2211
www.ti.com
SBOS377L – OCTOBER 2006 – REVISED JANUARY 2020
Product Folder Links: OPA211 OPA2211
Submit Documentation Feedback
Copyright © 2006–2020, Texas Instruments Incorporated
Figure 43. Distortion Test Circuit
7.4 Device Functional Modes
The OPAx211 is operational when the power-supply voltage is greater than 4.5 V (±2.25 V). The maximum
power supply voltage for the OPAx211 series is 36 V (±18 V).
7.4.1 Shutdown
The shutdown (enable) function of the OPA211 is referenced to the positive supply voltage of the operational
amplifier. A valid high disables the operational amplifier. A valid high is defined as (V+) – 0.35 V of the positive
supply applied to the shutdown pin. A valid low is defined as (V+) – 3 V below the positive supply pin. For
example, with VCC at ±15 V, the device is enabled at or below 12 V. The device is disabled at or above 14.65 V.
If dual or split power supplies are used, make sure the valid high or valid low input signals are properly referred
to the positive supply voltage. This pin must be connected to a valid high or low voltage or driven, and not left
open-circuit. The enable and disable times are provided in the Typical Characteristics section (see Figure 39
through Figure 41). When disabled, the output assumes a high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com