Electronic Components Datasheet Search
  English  ▼

X  

OPA211 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA211
Description  OPAx211 1.1-nv/√Hz Noise, Low Power, Precision Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA211 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA211 Datasheet HTML 8Page - Texas Instruments OPA211 Datasheet HTML 9Page - Texas Instruments OPA211 Datasheet HTML 10Page - Texas Instruments OPA211 Datasheet HTML 11Page - Texas Instruments OPA211 Datasheet HTML 12Page - Texas Instruments OPA211 Datasheet HTML 13Page - Texas Instruments OPA211 Datasheet HTML 14Page - Texas Instruments OPA211 Datasheet HTML 15Page - Texas Instruments OPA211 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
1
10
160
140
100
80
60
40
0
Frequency (Hz)
100M
10k
100
1k
100k
20
120
1M
10M
-PSRR
+PSRR
Time(1s/div)
10
0.001
0.00001
Frequency (Hz)
20k
0.0001
100
1k
10k
V = ±15 V
S
R = 600
L
Ω
G = 1
G = -1
V
= 3 V
OUT
RMS
V
= 3 V
OUT
RMS
-100
-140
-120
G = 11
V
= 3 V
OUT
RMS
0.01
0.1
0.000001
Output Voltage Amplitude (V
)
RMS
100
0.00001
0.1
1
10
0.0001
0.001
0.01
V = ±15 V
S
R = 600
L
Ω
1 kHz Signal
-60
-160
-140
-120
-100
-80
G = 1
G = 11
G = -1
0.1
100
1
Frequency(Hz)
100k
10
1
10
100
1k
10k
0.1
100
10
1
Frequency(Hz)
100k
10
1
100
1k
10k
12
OPA211, OPA2211
SBOS377L – OCTOBER 2006 – REVISED JANUARY 2020
www.ti.com
Product Folder Links: OPA211 OPA2211
Submit Documentation Feedback
Copyright © 2006–2020, Texas Instruments Incorporated
6.8 Typical Characteristics
at TA = 25°C, VS = ±18 V, and RL = 10 kΩ, unless otherwise noted.
Figure 1. Input Voltage Noise Density vs Frequency
Figure 2. Input Current Noise Density vs Frequency
Figure 3. THD + N Ratio vs Frequency
Figure 4. THD + N Ratio vs Output Voltage Amplitude
Figure 5. 0.1- to 10-Hz Noise
Figure 6. Power-Supply Rejection Ratio vs Frequency
(Referred to Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com