Electronic Components Datasheet Search
  English  ▼

X  

OPA211 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA211
Description  OPAx211 1.1-nv/√Hz Noise, Low Power, Precision Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA211 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA211 Datasheet HTML 9Page - Texas Instruments OPA211 Datasheet HTML 10Page - Texas Instruments OPA211 Datasheet HTML 11Page - Texas Instruments OPA211 Datasheet HTML 12Page - Texas Instruments OPA211 Datasheet HTML 13Page - Texas Instruments OPA211 Datasheet HTML 14Page - Texas Instruments OPA211 Datasheet HTML 15Page - Texas Instruments OPA211 Datasheet HTML 16Page - Texas Instruments OPA211 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
OffsetVoltage( V)
m
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
OffsetVoltageDrift(mV/°C)
100
1k
140
120
100
80
60
40
-20
Frequency (Hz)
100M
1M
10k
100k
10M
20
0
180
135
90
45
0
Gain
Phase
-75
5
-5
Temperature (°C)
200
2
-50
-25
0
3
4
25
75
50
1
100 125 150 175
0
-1
-2
-3
-4
300 mV Swing From Rails
200 mV Swing From Rails
R = 10 k
L
Ω
10k
140
100
80
60
40
0
Frequency(Hz)
100M
1M
100k
20
120
10M
10
10k
0.1
Frequency(Hz)
100M
1
100
1k
10k
10
100
1k
100k
10M
1M
13
OPA211, OPA2211
www.ti.com
SBOS377L – OCTOBER 2006 – REVISED JANUARY 2020
Product Folder Links: OPA211 OPA2211
Submit Documentation Feedback
Copyright © 2006–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, and RL = 10 kΩ, unless otherwise noted.
Figure 7. Common-Mode Rejection Ratio vs Frequency
Figure 8. Open-Loop Output Impedance vs Frequency
Figure 9. Gain and Phase vs Frequency
Figure 10. Open-Loop Gain vs Temperature
Figure 11. Offset Voltage Production Distribution
Figure 12. Offset Voltage Drift Production Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com