Electronic Components Datasheet Search
  English  ▼

X  

OPA322SAIDBVT Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA322SAIDBVT
Description  OPAx322x 20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA322SAIDBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA322SAIDBVT Datasheet HTML 17Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 18Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 19Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 20Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 21Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 22Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 23Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 24Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
V
OUT
V = 1V
IN
RMS
OPA322
150kW
19.5kW
220pF
1.8kW
3.3nF
47pF
V+
V-
C
1 nF
1
C
150 pF
2
R
549 W
3
R
549 W
1
R
1.24 kW
2
V+
V
OUT
V
IN
V-
OPA322
Copyright © 2016, Texas Instruments Incorporated
21
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
www.ti.com
SBOS538F – JANUARY 2011 – REVISED DECEMBER 2016
Product Folder Links: OPA322 OPA322S OPA2322 OPA2322S OPA4322 OPA4322S
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The OPA322 family offers outstanding DC and AC performance. These devices operate up to a 5.5-V power
supply and offer ultra-low input bias current and 20-MHz bandwidth. These features make the OPA322 family a
robust operational amplifier for both battery-powered and industrial applications.
8.1.1 Active Filter
The OPA322 is well-suited for active filter applications that require a wide bandwidth, fast slew rate, low-noise,
single-supply operational amplifier. Figure 37 shows a 500-kHz, second-order, low-pass filter using the multiple-
feedback (MFB) topology. The components have been selected to provide a maximally-flat Butterworth response.
Beyond the cutoff frequency, roll-off is –40 dB/dec. The Butterworth response is ideal for applications that require
predictable gain characteristics, such as the anti-aliasing filter used in front of an ADC.
One point to observe when considering the MFB filter is that the output is inverted, relative to the input. If this
inversion is not required, or not desired, a noninverting output can be achieved through one of these options:
1. adding an inverting amplifier;
2. adding an additional second-order MFB stage; or
3. using a noninverting filter topology, such as the Sallen-Key (shown in Figure 38).
MFB, Sallen-Key, low-pass, and high-pass filter synthesis is quickly accomplished using TI’s FilterPro™ program.
This software is available as a free download at www.ti.com.
Figure 37. Second-Order, Butterworth, 500-kHz Low-Pass Filter
Figure 38. OPA322 Configured as a Three-Pole, 20-kHz, Sallen-Key Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com