Electronic Components Datasheet Search
  English  ▼

X  

OPA322SAIDBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA322SAIDBVT
Description  OPAx322x 20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA322SAIDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA322SAIDBVT Datasheet HTML 1Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 2Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 3Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 4Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 5Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 6Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 7Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 8Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
-3
3
Common-ModeVoltage(V)
2
-2
-1
0
1
RepresentativeUnits
V = 2.75V
S
±
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
SBOS538F – JANUARY 2011 – REVISED DECEMBER 2016
OPAx322x 20-MHz, Low-Noise, 1.8-V, RRI/O,
CMOS Operational Amplifier With Shutdown
1
1 Features
1
•
Gain Bandwidth: 20 MHz
•
Low Noise: 8.5 nV
√Hz at 1 kHz
•
Slew Rate: 10 V/μs
•
Low THD+N: 0.0005%
•
Rail-to-Rail I/O
•
Offset Voltage: 2 mV (maximum)
•
Supply Voltage: 1.8 V to 5.5 V
•
Supply Current: 1.5 mA/ch
–
Shutdown: 0.1 μA/ch
•
Unity-Gain Stable
•
Small Packages:
–
SOT-23, SON, VSSOP, TSSOP
2 Applications
•
Sensor Signal Conditioning
•
Consumer Audio
•
Multi-Pole Active Filters
•
Control-Loop Amplifiers
•
Communications
•
Security
•
Scanners
Zero-Crossover Rail-to-Rail Input Stage
Eliminates Distortion
3 Description
The OPAx322x series consists of single, dual, and
quad-channel CMOS operational amplifiers featuring
low noise and rail-to-rail inputs and outputs optimized
for low-power, single-supply applications. Specified
over a wide supply range of 1.8 V to 5.5 V, the low
quiescent current of only 1.5 mA per channel makes
these
devices
well-suited
for
power-sensitive
applications.
The combination of very low noise (8.5 nV
√Hz at
1 kHz), high-gain bandwidth (20 MHz), and fast slew
rate (10 V/μs) make the OPAx322x family ideal for a
wide
range
of
applications,
including
signal
conditioning and sensor amplification requiring high
gains. Featuring low THD+N, the OPAx322x series is
also
excellent
for
consumer
audio
applications,
particularly for single-supply systems.
The OPAx322S models include a shutdown mode
that allow the amplifiers to be switched from normal
operation to a standby current that is typically less
than 0.1 μA.
The OPA322 (single version) is available in 5-pin
SOT-23 and 6-pin SOT-23, while the OPA2322 (dual
version) is offered in 8-pin VSSOP, 10-pin VSSOP, 8-
pin SOIC, and 8-pin SON packages. The quad
version OPA4322 comes in 14-pin TSSOP and 16-pin
TSSOP packages. All versions are specified for
operation from –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA322
SOT-23 (5)
2.90 mm × 1.60 mm
OPA322S
SOT-23 (6)
2.90 mm × 1.60 mm
OPA2322
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
SON (8)
3.00 mm × 3.00 mm
OPA2322S
VSSOP (10)
3.00 mm × 3.00 mm
OPA4322
TSSOP (14)
5.00 mm × 4.40 mm
OPA4322S
TSSOP (16)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - OPA322SAIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322SAIDBVT TI1-OPA322SAIDBVT Datasheet
1Mb / 29P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA322SAIDBVT TI1-OPA322SAIDBVT Datasheet
1Mb / 38P
CMOS Operational Amplifier with Shutdown
OPA322SAIDBVT TI1-OPA322SAIDBVT Datasheet
1Mb / 34P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
More results

Similar Description - OPA322SAIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2322A-Q1 TI1-OPA2322A-Q1 Datasheet
1Mb / 23P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
Low Noise, CMOS Input Operational Amplifier with Shutdown
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com