Electronic Components Datasheet Search
  English  ▼

X  

OPA322SAIDBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA322SAIDBVT
Description  OPAx322x 20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA322SAIDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA322SAIDBVT Datasheet HTML 5Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 6Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 7Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 8Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 9Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 10Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 11Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 12Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
9
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
www.ti.com
SBOS538F – JANUARY 2011 – REVISED DECEMBER 2016
Product Folder Links: OPA322 OPA322S OPA2322 OPA2322S OPA4322 OPA4322S
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Third-order filter; bandwidth = 80 kHz at –3 dB
6.7 Electrical Characteristics
At VS = 1.8 V to 5.5 V, or ±0.9 V to ±2.75 V, TA = 25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, VOUT = VS/2, and
SHDN_x = VS+ (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
0.5
2
mV
dVOS/dT
vs temperature
VS = 5.5 V
1.8
6
μV/°C
PSR
vs power supply
VS = 1.8 V to 5.5 V
TA = 25°C
10
50
μV/V
TA = –40°C to 125°C
20
65
Channel separation
At 1 kHz
130
dB
INPUT VOLTAGE
VCM
Common-mode voltage
range
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection
ratio
(V–) – 0.1 V < VCM < (V+) + 0.1 V
TA = 25°C
90
100
dB
TA = –40°C to 125°C
90
INPUT BIAS CURRENT
IB
Input bias current
TA = 25°C
±0.2
±10
pA
TA = –40°C to 85°C
±50
OPA322 and OPA322S, TA = –40°C to 125°C
±800
OPA2322 and OPA2322S, TA = –40°C to 125°C
±400
OPA4322 and OPA4322S, TA = –40°C to 125°C
±400
IOS
Input offset current
TA = 25°C
±0.2
±10
pA
TA = –40°C to 85°C
±50
TA = –40°C to 125°C
±400
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
2.8
μVPP
en
Input voltage noise density
f = 1 kHz
8.5
nV/
√Hz
f = 10 kHz
7
in
Input current noise density
f = 1 kHz
0.6
fA/
√Hz
INPUT CAPACITANCE
Differential
5
pF
Common-mode
4
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
0.1 V < VO < (V+) – 0.1 V, RL = 10 kΩ
100
130
dB
0.1 V < VO < (V+) – 0.1 V, RL = 10 kΩ
94
PM
Phase margin
VS = 5 V, CL = 50 pF
47
°
FREQUENCY RESPONSE
GBP
Gain bandwidth product
VS = 5 V, CL = 50 pF, unity gain
20
MHz
SR
Slew rate
VS = 5 V, CL = 50 pF, G = +1
10
V/μs
tS
Settling time
VS = 5 V, CL = 50 pF, to 0.1%, 2-V step, G = +1
0.25
μs
VS = 5 V, CL = 50 pF, to 0.01%, 2-V step, G = +1
0.32
Overload recovery time
VS = 5 V, CL = 50 pF, VIN × G > VS
100
ns
THD+N
Total harmonic distortion +
noise(1)
VS = 5 V, CL = 50 pF, VO = 4 VPP, G = +1, f = 10 kHz,
RL = 10 kΩ
0.0005%
VS = 5 V, CL = 50 pF, VO = 2 VPP, G = +1, f = 10 kHz,
RL = 600 Ω
0.0011%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com