Electronic Components Datasheet Search
  English  ▼

X  

S-1721 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1721 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-1721 Datasheet HTML 2Page - Seiko Instruments Inc S-1721 Datasheet HTML 3Page - Seiko Instruments Inc S-1721 Datasheet HTML 4Page - Seiko Instruments Inc S-1721 Datasheet HTML 5Page - Seiko Instruments Inc S-1721 Datasheet HTML 6Page - Seiko Instruments Inc S-1721 Datasheet HTML 7Page - Seiko Instruments Inc S-1721 Datasheet HTML 8Page - Seiko Instruments Inc S-1721 Datasheet HTML 9Page - Seiko Instruments Inc S-1721 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1721 Series
Rev.1.1_00
Seiko Instruments Inc.
6
Product Name Structure
Users can select the product type, output voltage, and package type for the S-1721 Series. Refer to “1. Product
name” regarding the contents of product name, “2. Function list of product type” regarding the product type.
1. Product name
1. 1 SNT-6A
S-1721
x
xx
xx
−
I6T1
G
Package abbreviation and IC packing
specifications
*1
I6T1: SNT-6A, tape product
Output voltage of voltage regulator 2
*3
12 to 50
(e.g., when the output voltage is 1.5 V, it is
expressed as 15.)
Output voltage of voltage regulator 1
*3
12 to 50
(e.g., when the output voltage is 1.5 V, it is
expressed as 15.)
Product type
*2
A to H
*1. Refer to the taping specifications.
*2. Refer to “2. Function list of product type”.
*3. If you request the product which has 0.05 V step, contact our sales office.
1. 2 SOT-23-6
S-1721
x
xx
xx
−
M6T1
G
Package abbreviation and IC packing
specifications
*1
M6T1: SOT-23-6, tape product
Output voltage of voltage regulator 2
*3
12 to 50
(e.g., when the output voltage is 1.5 V, it is
expressed as 15.)
Output voltage of voltage regulator 1
*3
12 to 50
(e.g., when the output voltage is 1.5 V, it is
expressed as 15.)
Product type
*2
A to H
*1. Refer to the taping specifications.
*2. Refer to “2. Function list of product type”.
*3. If you request the product which has 0.05 V step, contact our sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com