Electronic Components Datasheet Search
  English  ▼

X  

S-1721 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S-1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1721 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S-1721 Datasheet HTML 8Page - Seiko Instruments Inc S-1721 Datasheet HTML 9Page - Seiko Instruments Inc S-1721 Datasheet HTML 10Page - Seiko Instruments Inc S-1721 Datasheet HTML 11Page - Seiko Instruments Inc S-1721 Datasheet HTML 12Page - Seiko Instruments Inc S-1721 Datasheet HTML 13Page - Seiko Instruments Inc S-1721 Datasheet HTML 14Page - Seiko Instruments Inc S-1721 Datasheet HTML 15Page - Seiko Instruments Inc S-1721 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1721 Series
Rev.1.1_00
Seiko Instruments Inc.
12
*1. VOUT(S): Specified output voltage
VOUT(E): Actual output voltage at the fixed load
Output voltage when fixing IOUT(= 30 mA) and inputting VOUT(S) +1.0 V
*2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3. Vdrop
= VIN1 − (VOUT3 × 0.98)
VOUT3 is the output voltage when VIN
= VOUT(S) + 1.0 V and IOUT = 100 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input voltage.
*4. The change in temperature [mV/°C] is calculated using the following equation.
[]
[ ]
[] 1000
C
ppm/
V
∆Ta
∆V
V
V
C
mV/
∆Ta
∆V
OUT
OUT
OUT(S)
OUT
÷
°
•
×
=
°
3
*
2
*
1
*
*1.
Change in temperature of the output voltage
*2.
Specified output voltage
*3.
Output voltage temperature coefficient
*5.
The output current can be at least this value.
Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be paid to the power
dissipation of the package when the output current is large.
This specification is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com