Electronic Components Datasheet Search
  English  ▼

X  

S-1721 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S-1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1721 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S-1721 Datasheet HTML 13Page - Seiko Instruments Inc S-1721 Datasheet HTML 14Page - Seiko Instruments Inc S-1721 Datasheet HTML 15Page - Seiko Instruments Inc S-1721 Datasheet HTML 16Page - Seiko Instruments Inc S-1721 Datasheet HTML 17Page - Seiko Instruments Inc S-1721 Datasheet HTML 18Page - Seiko Instruments Inc S-1721 Datasheet HTML 19Page - Seiko Instruments Inc S-1721 Datasheet HTML 20Page - Seiko Instruments Inc S-1721 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.1_00
S-1721 Series
Seiko Instruments Inc.
17
6. Temperature coefficient of output voltage
The shaded area in Figure 22 is the range where VOUT varies in the operating temperature range when the
temperature coefficient of the output voltage is
±120 ppm/°C.
VOUT(E)
*1
Example of VOUT = 3.0 V Typ. products
−40
25
+0.36 mV/°C
VOUT
[V]
*1. VOUT(E) is the value of the output voltage measured at 25
°C.
85
Ta [
°C]
−0.36 mV/°C
Figure 22
A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
[]
[ ]
[] 1000
C
ppm/
V
∆Ta
∆V
V
V
C
mV/
∆Ta
∆V
OUT
OUT
OUT(S)
OUT
÷
°
•
×
=
°
*3
2
*
1
*
*1. Change in temperature of output voltage
*2. Specified output voltage
*3. Output voltage temperature coefficient
∆VOUT
∆Ta •VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com