Electronic Components Datasheet Search
  English  ▼

X  

S-1721 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1721 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1721 Datasheet HTML 1Page - Seiko Instruments Inc S-1721 Datasheet HTML 2Page - Seiko Instruments Inc S-1721 Datasheet HTML 3Page - Seiko Instruments Inc S-1721 Datasheet HTML 4Page - Seiko Instruments Inc S-1721 Datasheet HTML 5Page - Seiko Instruments Inc S-1721 Datasheet HTML 6Page - Seiko Instruments Inc S-1721 Datasheet HTML 7Page - Seiko Instruments Inc S-1721 Datasheet HTML 8Page - Seiko Instruments Inc S-1721 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Rev.1.1_00
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW
CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR S-1721 Series
Seiko Instruments Inc.
1
S-1721 Series, developed using the CMOS technology, is
a 2-channel positive voltage regulator IC which has the
low dropout voltage, the high-accuracy output voltage and
the low output current consumption of 150mA.
Users are able to use a small ceramic capacitor of 1.0
µF
for this IC. This IC includes two regulator circuits in the
package SOT-23-6 or super-small SNT-6A.
S-1721 Series has much lower current consumption than
S-1711 Series, this IC is ideal for mobile devices.
Features
• Output voltage:
1.2 V to 5.0 V, selectable in 0.05 V step.
• A ceramic capacitor of 1.0 µF or more can be used as the I/O capacitor.
• Wide input voltage range:
1.7 V to 6.5 V
• High-accuracy output voltage:
±1.0%
• Low dropout voltage:
130 mV typ. (products having the output of 3.0 V, IOUT
= 100 mA)
• Low current consumption:
During operation:
25
µA typ., 45 µA max. (products having the output of
3.0 V, per circuit)
During shutdown:
0.1
µA typ., 1.0 µA max.
• Output current:
Possible to output 150 mA (at VIN
≥ VOUT(S) + 1.0 V)
*1 (per circuit)
• High ripple rejection:
80 dB typ. (products having the output under 1.8 V, at 1.0 kHz)
• Built-in overcurrent protector:
limits overcurrent of output transistor
• Built-in ON/OFF circuit:
Ensures long battery life.
• Pull-up or pull-down resistor can be selected.
• Small package:
SNT-6A, SOT-23-6
• Lead-free product
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Power supply for cellular phones
• Power supply for battery-powered devices
Packages
Drawing Code
Package Name
Package
Tape
Reel
Land
SNT-6A
PG006-A
PG006-A
PG006-A
PG006-A
SOT-23-6
MP006-A
MP006-A
MP006-A
−


Similar Part No. - S-1721

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1721 ABLIC-S-1721 Datasheet
695Kb / 42P
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_02
S-1721A1212-I6T1U ABLIC-S-1721A1212-I6T1U Datasheet
695Kb / 42P
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_02
S-1721A1212-M6T1X ABLIC-S-1721A1212-M6T1X Datasheet
695Kb / 42P
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_02
S-1721A1215-I6T1U ABLIC-S-1721A1215-I6T1U Datasheet
695Kb / 42P
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_02
S-1721A1215-M6T1X ABLIC-S-1721A1215-M6T1X Datasheet
695Kb / 42P
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_02
More results

Similar Description - S-1721

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1165 SII-S-1165 Datasheet
280Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1167 SII-S-1167 Datasheet
474Kb / 31P
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-L2985 SII-S-L2985 Datasheet
244Kb / 23P
HIGH RIPPLE-REJECTION WLP PACKAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S-T111 SII-S-T111 Datasheet
238Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-13D1 SII-S-13D1 Datasheet
2Mb / 45P
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1312 SII-S1312 Datasheet
2Mb / 47P
LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1312XXXH SII-S1312XXXH Datasheet
2Mb / 38P
OPERATION LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
S-1721 ABLIC-S-1721 Datasheet
695Kb / 42P
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_02
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com