Electronic Components Datasheet Search
  English  ▼

X  

OPA1677DBVT Datasheet(PDF) 23 Page - Texas Instruments

Part # OPA1677DBVT
Description  OPA167x Low-Distortion Audio Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1677DBVT Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA1677DBVT Datasheet HTML 19Page - Texas Instruments OPA1677DBVT Datasheet HTML 20Page - Texas Instruments OPA1677DBVT Datasheet HTML 21Page - Texas Instruments OPA1677DBVT Datasheet HTML 22Page - Texas Instruments OPA1677DBVT Datasheet HTML 23Page - Texas Instruments OPA1677DBVT Datasheet HTML 24Page - Texas Instruments OPA1677DBVT Datasheet HTML 25Page - Texas Instruments OPA1677DBVT Datasheet HTML 26Page - Texas Instruments OPA1677DBVT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
8.2.2 Phono Preamplifier for Moving Magnet Cartridges
The noise and distortion performance of the OPA167x family of amplifiers is exceptional in applications with high
source impedances, which makes these devices a viable choice in preamplifier circuits for moving magnet (MM)
phono cartridges. Figure 8-4 shows a preamplifier circuit for MM cartridges with 40 dB of gain at 1 kHz.
VOUT
V+
V±
+
±
15 V
-15 V
½ OPA1678
R2
118 k
R3
10 k
C2
27 nF
C3
7.5 nF
R4
127
R1
47 k
C1
150 pF
C4
100 F
R5
100
C5
100 F
R6
100 k
MM Phono Input
Output
Figure 8-4. Phono Preamplifier for Moving Magnet Cartridges (Single-Channel Shown)
8.2.3 Single-Supply Electret Microphone Preamplifier
The preamplifier circuit shown in Figure 8-5 operates the OPA1678 as a transimpedance amplifier that converts
the output current from the electret microphone internal JFET into a voltage. Resistor R4 determines the gain of
the circuit. Resistors R2 and R3 bias the input voltage to half the power supply voltage for proper functionality on
a single-supply.
½ OPA1678
+
±
61.9 k
0.1 F
9 V
9 V
Electret
Microphone
9 V
R3
100 k
R1
R4
C1
C3
Output
13.7 k
2.2 F
C2
2.2 F
16 pF
R2
100 k
Figure 8-5. Single-Supply Electret Microphone Preamplifier
www.ti.com
OPA1677, OPA1678, OPA1679
SBOS855E – JANUARY 2017 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA1677 OPA1678 OPA1679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com