Electronic Components Datasheet Search
  English  ▼

X  

OPA1677DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA1677DBVT
Description  OPA167x Low-Distortion Audio Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1677DBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA1677DBVT Datasheet HTML 1Page - Texas Instruments OPA1677DBVT Datasheet HTML 2Page - Texas Instruments OPA1677DBVT Datasheet HTML 3Page - Texas Instruments OPA1677DBVT Datasheet HTML 4Page - Texas Instruments OPA1677DBVT Datasheet HTML 5Page - Texas Instruments OPA1677DBVT Datasheet HTML 6Page - Texas Instruments OPA1677DBVT Datasheet HTML 7Page - Texas Instruments OPA1677DBVT Datasheet HTML 8Page - Texas Instruments OPA1677DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
OPA167x Low-Distortion Audio Operational Amplifiers
1 Features
• Low noise: 4.5 nV/√Hz at 1 kHz
• Low distortion: 0.0001% at 1 kHz
• High open-loop gain: 114 dB
• High common-mode rejection: 110 dB
• Low quiescent current:
– 2 mA per channel
• Low input bias current: 10 pA (typical)
• Slew rate: 9 V/μs
• Wide gain bandwidth: 16 MHz (G = 1)
• Unity-gain stable
• Rail-to-rail output
• Wide supply range:
– ±2.25 V to ±18 V, or 4.5 V to 36 V
• Single, dual, and quad-channel versions
• Available packages:
– Single: SOIC-8, SOT-23
– Dual: SOIC-8, small SON-8, VSSOP-8
– Quad: Small QFN-16, SO-14, TSSOP-14
• Temperature range: –40°C to +85°C
2 Applications
• Professional microphones and wireless systems
• Professional audio mixer/control surface
• Guitar amplifier and other music instrument
amplifier
• A/V receiver
• Automotive external amplifier
3 Description
The
single-channel
OPA1677,
dual-channel
OPA1678, and quad-channel OPA1679 (OPA167x)
op amps offer higher system-level performance over
legacy op amps commonly used in audio circuitry.
The OPA167x amplifiers achieve a low 4.5-nV/√Hz
noise density and low distortion of 0.0001% at 1 kHz,
which improves audio signal fidelity. These devices
also offer rail-to-rail output swing to within 800 mV
with a 2-kΩ load, which increases headroom and
maximizes dynamic range.
To accommodate the power-supply constraints of
many types of audio products, the OPA167x operate
over a very-wide supply range of ±2.25 V to ±18 V
(or 4.5 V to 36 V) on only 2 mA of supply current.
These op amps are unity-gain stable and have
excellent dynamic behavior over a wide range of load
conditions, allowing the OPA167x to be used in many
audio circuits.
The OPA167x amplifiers use completely independent
internal circuitry for lowest crosstalk and freedom from
interactions between channels, even when overdriven
or overloaded.
Device Information
PART NUMBER
CHANNELS
PACKAGE(1)
OPA1677
Single
SOIC (8)
SOT-23 (5)
OPA1678
Dual
SOIC (8)
VSSOP (8)
SON (8)
OPA1679
Quad
SOIC (14)
TSSOP (14)
QFN (16)
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
V
BIAS1
Class AB
Control
Circuitry
V
BIAS2
V +
IN
V+
V
V
IN
V
O
Tail
Current
Simplified Internal Schematic
-140
-120
-100
-80
-60
0.00001
0.0001
0.001
0.01
0.1
10
100
1k
10k
Frequency (Hz)
Gain = 10 V/V
Gain = 1 V/V
Gain = -1 V/V
C002
THD+N vs Frequency (2-kΩ Load)
OPA1677, OPA1678, OPA1679
SBOS855E – JANUARY 2017 – REVISED DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA1677DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1677DBVT TI-OPA1677DBVT Datasheet
3Mb / 52P
OPA167x Low-Distortion Audio Operational Amplifiers
DECEMBER 2021
OPA1677DBVT TI-OPA1677DBVT Datasheet
2Mb / 51P
OPA167x Low-Distortion Audio Operational Amplifiers
REVISED DECEMBER 2022
More results

Similar Description - OPA1677DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662 TI1-OPA1662 Datasheet
1Mb / 29P
Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1678 TI1-OPA1678 Datasheet
1Mb / 41P
Low-Distortion Audio Operational Amplifiers
OPA1692 TI1-OPA1692 Datasheet
488Kb / 23P
Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
OPA1678 TI1-OPA1678_18 Datasheet
1Mb / 46P
Low-Distortion Audio Operational Amplifiers
OPA1678_1807 TI1-OPA1678_1807 Datasheet
1Mb / 48P
Low-Distortion Audio Operational Amplifiers
OPA1692 TI1-OPA1692_18 Datasheet
1Mb / 42P
Low-Power, Low-Noise and Low-Distortion SoundPlus Audio Operational Amplifiers
OPA1679-Q1 TI1-OPA1679-Q1 Datasheet
1,006Kb / 28P
OPA167x-Q1 Automotive, Low-Distortion Audio Operational Amplifiers
OPA1677 TI-OPA1677 Datasheet
3Mb / 52P
OPA167x Low-Distortion Audio Operational Amplifiers
DECEMBER 2021
OPA1677 TI-OPA1677_V01 Datasheet
2Mb / 51P
OPA167x Low-Distortion Audio Operational Amplifiers
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com