Electronic Components Datasheet Search
  English  ▼

X  

OPA1677DBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA1677DBVT
Description  OPA167x Low-Distortion Audio Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1677DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA1677DBVT Datasheet HTML 5Page - Texas Instruments OPA1677DBVT Datasheet HTML 6Page - Texas Instruments OPA1677DBVT Datasheet HTML 7Page - Texas Instruments OPA1677DBVT Datasheet HTML 8Page - Texas Instruments OPA1677DBVT Datasheet HTML 9Page - Texas Instruments OPA1677DBVT Datasheet HTML 10Page - Texas Instruments OPA1677DBVT Datasheet HTML 11Page - Texas Instruments OPA1677DBVT Datasheet HTML 12Page - Texas Instruments OPA1677DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
6.8 Typical Characteristics
at TA = 25°C, VS = ±15 V, and RL = 2 kΩ, (unless otherwise noted)
1
10
100
1000
1
10
100
1k
10k
100k
Frequency (Hz)
C001
Figure 6-1. Input Voltage Noise Density vs Frequency
Time (1s/div)
C003
Figure 6-2. 0.1-Hz to 10-Hz Noise
0.1
1
10
100
1000
10000
10
100
1k
10k
100k
1M
10M
100M 1000M
Source Resistance (O)
Resistor Noise Contribution
Voltage Noise Contribution
Current Noise Contribution
Total Noise
C001
Figure 6-3. Voltage Noise vs Source Resistance
0
2
4
6
8
10
12
14
16
18
20
10k
100k
1M
10M
Frequency (Hz)
VS = +/- 18 V
VS = +/- 5 V
VS = +/- 2.25 V
C015
Figure 6-4. Maximum Output Voltage vs Frequency
0
45
90
135
180
±20
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
Gain
Phase
C006
CL = 10 pF
Figure 6-5. Open-Loop Gain and Phase vs Frequency
±40
±30
±20
±10
0
10
20
30
100k
1M
10M
100M
Frequency (Hz)
Gain = -1 V/V
Gain = 1 V/V
Gain = 10 V/V
C002
CL = 10 pF
Figure 6-6. Closed-Loop Gain vs Frequency
www.ti.com
OPA1677, OPA1678, OPA1679
SBOS855E – JANUARY 2017 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA1677 OPA1678 OPA1679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com