Electronic Components Datasheet Search
  English  ▼

X  

OPA1677DBVT Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA1677DBVT
Description  OPA167x Low-Distortion Audio Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1677DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA1677DBVT Datasheet HTML 8Page - Texas Instruments OPA1677DBVT Datasheet HTML 9Page - Texas Instruments OPA1677DBVT Datasheet HTML 10Page - Texas Instruments OPA1677DBVT Datasheet HTML 11Page - Texas Instruments OPA1677DBVT Datasheet HTML 12Page - Texas Instruments OPA1677DBVT Datasheet HTML 13Page - Texas Instruments OPA1677DBVT Datasheet HTML 14Page - Texas Instruments OPA1677DBVT Datasheet HTML 15Page - Texas Instruments OPA1677DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, and RL = 2 kΩ, (unless otherwise noted)
-8
-6
-4
-2
0
2
4
6
8
±18 ±15 ±12 ±9
±6
±3
0
3
6
9
12
15
18
Common-Mode Voltage (V)
IB(N)
IB(P)
I(OS)
C008
Figure 6-19. IB and IOS vs Common-Mode Voltage
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
±40
±15
10
35
60
85
110
Temperature (ƒC)
C008
Figure 6-20. Supply Current vs Temperature
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
C008
Figure 6-21. Supply Current vs Supply Voltage
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
45
50
55
60
Output Current (mA)
-40°C
0°C
25°C
85°C
C004
Figure 6-22. Output Voltage vs Output Current (Sourcing)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
5
10
15
20
25
30
35
40
45
50
Output Current (mA)
-40°C
0°C
25°C
85°C
C004
Figure 6-23. Output Voltage vs Output Current (Sinking)
±60
±40
±20
0
20
40
60
80
±40
±15
10
35
60
85
110
135
Temperature (sC)
ISC (+)
ISC (-)
C003
Figure 6-24. Short-Circuit Current vs Temperature
OPA1677, OPA1678, OPA1679
SBOS855E – JANUARY 2017 – REVISED DECEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA1677 OPA1678 OPA1679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com