Electronic Components Datasheet Search
  English  ▼

X  

OPA856 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA856
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA856 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA856 Datasheet HTML 18Page - Texas Instruments OPA856 Datasheet HTML 19Page - Texas Instruments OPA856 Datasheet HTML 20Page - Texas Instruments OPA856 Datasheet HTML 21Page - Texas Instruments OPA856 Datasheet HTML 22Page - Texas Instruments OPA856 Datasheet HTML 23Page - Texas Instruments OPA856 Datasheet HTML 24Page - Texas Instruments OPA856 Datasheet HTML 25Page - Texas Instruments OPA856 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
9.2.1.2 Detailed Design Procedure
The closed-loop bandwidth of a transimpedance amplifier is a function of the following:
1. The total input capacitance (CIN). This total includes the photodiode capacitance, the input capacitance of
the amplifier (common-mode and differential capacitance) and any stray capacitance from the PCB.
2. The op amp gain bandwidth product (GBWP).
3. The transimpedance gain (RF).
Figure 9-1 shows the OPA855 configured as a TIA, with the avalanche photodiode (APD) reverse biased so that
the APD cathode is tied to a large positive bias voltage. In this configuration, the APD sources current into the op
amp feedback loop so that the output swings in a negative direction relative to the input common-mode voltage.
To maximize the output swing in the negative direction, the OPA855 common-mode voltage is set close to the
positive limit; only 1.2 V from the positive supply rail. The feedback resistance (RF) and the input capacitance
(CIN) form a zero in the noise gain that results in instability if left unchecked. To counteract the effect of the zero,
a pole is inserted into the noise gain transfer function by adding the feedback capacitor (CF).
The Transimpedance Considerations for High-Speed Amplifiers Application Report discusses theories and
equations that show how to compensate a transimpedance amplifier for a particular transimpedance gain and
input capacitance. The bandwidth and compensation equations from the application report are available in an
Excel® calculator. What You Need To Know About Transimpedance Amplifiers – Part 1 provides a link to the
calculator.
The equations and calculators in the referenced application report and blog posts are used to model the
bandwidth (f–3dB) and noise (IRN) performance of the OPA855 configured as a TIA. The resultant performance
is shown in Figure 9-2 and Figure 9-3. The left-side Y-axis shows the closed-loop bandwidth performance,
whereas the right side of the graph shows the integrated input-referred noise. The noise bandwidth to calculate
IRN for a fixed RF and CPD is set equal to the f–3dB frequency. Figure 9-2 shows the amplifier performance as a
function of photodiode capacitance (CPD) for RF = 6 kΩ and 12 kΩ. Increasing CPD decreases the closed-loop
bandwidth. To maximize bandwidth, make sure to reduce any stray parasitic capacitance from the PCB. The
OPA855 is designed with 0.8 pF of total input capacitance to minimize the effect of stray capacitance on system
performance. Figure 9-3 shows the amplifier performance as a function of RF for CPD = 1.5 pF and 2.5 pF.
Increasing RF results in lower bandwidth. To maximize the signal-to-noise ratio (SNR) in an optical front-end
system, maximize the gain in the TIA stage. Increasing RF by a factor of X increases the signal level by X,
but only increases the resistor noise contribution by √X, thereby improving SNR. Since the OPA855 is a bipolar
input amplifier, increasing the feedback resistance increases the voltage offset due to the bias current and also
increases the total output noise due to increased noise contributions from the amplifiers current noise.
The OPA859-Q1 configured as a unity-gain buffer drives a DC offset voltage of 3.25 V into the lower half of
the THS4520. To maximize the dynamic range of the ADC, the OPA855-Q1 and OPA859-Q1 drive a differential
common-mode of 3.8 V and 3.25 V respectively into the THS4520. The dc offset voltage of the buffer amplifier
can be derived using Equation 1.
VBUF_DC = VTIA_CM –  12 × VADC_DIFF_IN
RFRG
(1)
where
• VTIA_CM is the common-mode voltage of the TIA (3.8 V)
• VADC_DIFF_IN is the differential input voltage range of the ADC (1.1 VPP)
• RF and RG are the feedback resistance (499 Ω) and gain resistance (499 Ω) of the THS4520 differential
amplifier
The low-pass filter between the THS4520 and the ADC54J64 minimizes high-frequency noise and maximizes
SNR. The ADC54J64 has an internal buffer that isolates the output of the THS4520 from the ADC sampling-
capacitor input, so a traditional charge bucket filter is not required.
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com