Electronic Components Datasheet Search
  English  ▼

X  

OPA856 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA856
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA856 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA856 Datasheet HTML 3Page - Texas Instruments OPA856 Datasheet HTML 4Page - Texas Instruments OPA856 Datasheet HTML 5Page - Texas Instruments OPA856 Datasheet HTML 6Page - Texas Instruments OPA856 Datasheet HTML 7Page - Texas Instruments OPA856 Datasheet HTML 8Page - Texas Instruments OPA856 Datasheet HTML 9Page - Texas Instruments OPA856 Datasheet HTML 10Page - Texas Instruments OPA856 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
6.5 Electrical Characteristics (continued)
at VS+ = 5 V, VS– = 0 V, G = 7 V/V, RF = 453 Ω, input common-mode biased at midsupply, RL = 200 Ω, output load is
referenced to midsupply, and TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VOH
Output voltage (high)(3)
TA = 25°C, VS+ = 3.3 V
2.35
2.4
V
VOH
Output voltage (high)(3)
TA = 25°C
3.95
4.1
V
TA = –40°C to +125°C
4
VOL
Output voltage (low)(3)
TA = 25°C, VS+ = 3.3 V
1.05
1.15
V
VOL
Output voltage (low)(3)
TA = 25°C
1.05
1.15
V
TA = –40°C to +125°C
1.1
IO_LIN
Linear output drive
(sink and source)(1)
RL = 10 Ω, AOL > 60 dB
65
80
mA
TA = –40°C to +125°C, RL = 10 Ω, AOL > 60 dB
70
ISC
Output short-circuit current(1)
85
105
mA
POWER SUPPLY
IQ
Quiescent current
16
17.8
19.5
mA
TA = –40°C
16.7
TA = 125°C
19.5
PSRR+
Positive power-supply rejection ratio(1)
80
86
dB
PSRR–
Negative power-supply rejection
ratio(1)
70
80
POWER DOWN
Disable voltage threshold
Amplifier off when less than this voltage
0.65
1
V
Enable voltage threshold
Amplifier on when less than this voltage
1.5
1.8
V
Power-down quiescent current
70
140
μA
PD bias current
70
140
μA
Turn-on time delay
Time to VOUT = 90% of final value
15
ns
Turn-off time delay
120
ns
(1)
MIN and MAX limits do not apply for bare die.
(2)
Current flowing into the input pin is considered negative.
(3)
Amplifier output saturated.
www.ti.com
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com