Electronic Components Datasheet Search
  English  ▼

X  

OPA856 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA856
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA856 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA856 Datasheet HTML 6Page - Texas Instruments OPA856 Datasheet HTML 7Page - Texas Instruments OPA856 Datasheet HTML 8Page - Texas Instruments OPA856 Datasheet HTML 9Page - Texas Instruments OPA856 Datasheet HTML 10Page - Texas Instruments OPA856 Datasheet HTML 11Page - Texas Instruments OPA856 Datasheet HTML 12Page - Texas Instruments OPA856 Datasheet HTML 13Page - Texas Instruments OPA856 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS+ = 2.5 V, VS– = –2.5 V, VIN+ = 0 V, RF = 453 Ω, gain = 7 V/V, RL = 200 Ω, and output load referenced to
midsupply (unless otherwise noted)
Frequency (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
1M
10M
100M
D513
HD2, V OUT = 0.5 V PP
HD2, V OUT = 1 V PP
HD2, V OUT = 2 V PP
HD2, V OUT = 2.5 V PP
Figure 6-13. Harmonic Distortion (HD2) vs Output Swing
Frequency (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
1M
10M
100M
D514
HD3, V OUT = 0.5 V PP
HD3, V OUT = 1 V PP
HD3, V OUT = 2 V PP
HD3, V OUT = 2.5 V PP
Figure 6-14. Harmonic Distortion (HD3) vs Output Swing
Frequency (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
1M
10M
100M
D515
HD2, V OUT = 100 :
HD2, V OUT = 200 :
HD2, V OUT = 400 :
VOUT = 2 VPP
Figure 6-15. Harmonic Distortion (HD2) vs Output Load
Frequency (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
1M
10M
100M
D516
HD3, V OUT = 100 :
HD3, V OUT = 200 :
HD3, V OUT = 400 :
VOUT = 2 VPP
Figure 6-16. Harmonic Distortion (HD3) vs Output Load
Frequency (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
1M
10M
100M
D517
HD2, Gain = +7 V/V
HD2, Gain = 7 V/V
HD2, Gain = +10 V/V
HD2, Gain = +20 V/V
VOUT = 2 VPP
Figure 6-17. Harmonic Distortion (HD2) vs Gain
Frequency (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
1M
10M
100M
D518
HD3, Gain = +7 V/V
HD3, Gain = 7 V/V
HD3, Gain = +10 V/V
HD3, Gain = +20 V/V
VOUT = 2 VPP
Figure 6-18. Harmonic Distortion (HD3) vs Gain
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com