Electronic Components Datasheet Search
  English  ▼

X  

OPA856 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA856
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA856 Datasheet(HTML) 4 Page - Texas Instruments

  OPA856 Datasheet HTML 1Page - Texas Instruments OPA856 Datasheet HTML 2Page - Texas Instruments OPA856 Datasheet HTML 3Page - Texas Instruments OPA856 Datasheet HTML 4Page - Texas Instruments OPA856 Datasheet HTML 5Page - Texas Instruments OPA856 Datasheet HTML 6Page - Texas Instruments OPA856 Datasheet HTML 7Page - Texas Instruments OPA856 Datasheet HTML 8Page - Texas Instruments OPA856 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
1
2
3
4
5
6
7
8
9
10
11
13
12
PAD
#1
FB
NC
IN-
IN+
NC
NC
VS-
VS-
OUT
VS+
VS+
PD
NC
Figure 5-2. Bare Die Package
Table 5-2. Bond Pad Functions
PAD
TYPE
DESCRIPTION
NAME
NO.
FB
1
Input
Feedback connection to output of amplifier
IN–
3
Input
Inverting input
IN+
4
Input
Noninverting input
NC
2,5,6,
13
—
Do not connect
OUT
9
Output
Amplifier output
PD
12
Input
Power down connection. PD = logic low = power off mode; PD = logic high = normal operation.
VS–
7,8
—
Negative voltage supply
VS+
10,11
—
Positive voltage supply
Backside
—
Connect to VS–
Table 5-3. Bare Die Information
DIE THICKNESS
BACKSIDE FINISH
BACKSIDE POTENTIAL
BOND PAD
METALLIZATION
381 μm
Silicon with backgrind
Wafer backside is electrically connected to VS–
AlCu
Table 5-4. Bond Pad Coordinates of Bare Die Version in Microns
PAD NUMBER
PAD NAME
X-MIN
Y-MIN
X-MAX
Y-MAX
1
FB
14.5
537.4
79.5
602.4
2
NC
14.5
379
79.5
444
3
IN–
14.5
227
79.5
292
4
IN+
14.5
68.6
79.5
133.6
5
NC
296.725
34.825
361.725
99.825
6
NC
421.725
34.825
486.725
99.825
7
VS–
545.5
93.8
610.5
158.8
8
VS–
545.5
178.8
610.5
243.8
9
OUT
545.5
303
610.5
368
10
VS+
545.5
427.2
610.5
492.2
11
VS+
545.5
512.2
610.5
577.2
12
PD
421.325
571.175
486.325
636.175
13
NC
297.125
571.175
362.125
636.175
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com