Electronic Components Datasheet Search
  English  ▼

X  

PCM1850A Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM1850A
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 ´ 2-CHANNEL MUX AND PGAE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1850A Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1850A Datasheet HTML 12Page - Texas Instruments PCM1850A Datasheet HTML 13Page - Texas Instruments PCM1850A Datasheet HTML 14Page - Texas Instruments PCM1850A Datasheet HTML 15Page - Texas Instruments PCM1850A Datasheet HTML 16Page - Texas Instruments PCM1850A Datasheet HTML 17Page - Texas Instruments PCM1850A Datasheet HTML 18Page - Texas Instruments PCM1850A Datasheet HTML 19Page - Texas Instruments PCM1850A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
www.ti.com
ANALOG FRONT END
PGA
(11 dB to –11 dB)
with MUX
G = –1
VREFS
(= 0.5 VCC)
LIN+
R
VINL1
R
VINL6
R
VINL2
VREF1
(= 0.5 VCC)
R
R
MOUTL
LIN–
B0131−01
PCM1850A
PCM1851A
SLES173 – MARCH 2006
The PCM1850A/1851A has a built-in analog front-end circuit, which is shown in the block diagram of Figure 22.
Selection of the multiplexer input and PGA gain is controlled by mode control via the serial port as shown in
Table 2 and Table 3. The change of the input selection and the gain selection is performed immediately after the
serial control packet for the change is sent. A popping noise or other unexpected transient response could be
generated in the audio signal during channel and gain change. Because the PCM1850A/1851A has no
zero-cross detection and no other buffering capability for channel and gain change, appropriate data handling in
the digital domain is recommended to control transients.
The PCM1850A/1851A analog front end permits only ac input via an input capacitor; dc input is prohibited. A
signal source resistance of less than 1 k
Ω is recommended for the V
INxx pins.
All unselected channel inputs are terminated VREFS (= 0.5 VCC) using a resistor, typically 57 kΩ.
The PCM1850A/1851A employs MOUTL/R pins (pins 12 and 11) to monitor the multiplexer output. The load on
these pins must be ac-coupled and not less than 10 k
Ω. The full-scale output level is typically 0.6 V
CC.
Figure 22. Analog Front-End Block Diagram (L-Channel)
Table 2. Multiplexer Input Selection
CH2
CH1
CH0
CHANNEL
0
0
0
Mute
0
0
1
Channel 1 (default)
0
1
0
Channel 2
0
1
1
Channel 3
1
0
0
Channel 4
1
0
1
Channel 5
1
1
0
Channel 6
1
1
1
Mute
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com