Electronic Components Datasheet Search
  English  ▼

X  

PCM1850A Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1850A
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 ´ 2-CHANNEL MUX AND PGAE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1850A Datasheet(HTML) 1 Page - Texas Instruments

  PCM1850A Datasheet HTML 1Page - Texas Instruments PCM1850A Datasheet HTML 2Page - Texas Instruments PCM1850A Datasheet HTML 3Page - Texas Instruments PCM1850A Datasheet HTML 4Page - Texas Instruments PCM1850A Datasheet HTML 5Page - Texas Instruments PCM1850A Datasheet HTML 6Page - Texas Instruments PCM1850A Datasheet HTML 7Page - Texas Instruments PCM1850A Datasheet HTML 8Page - Texas Instruments PCM1850A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
PCM1850A
PCM1851A
SLES173 – MARCH 2006
24-BIT, 96-kHz STEREO A/D CONVERTER
WITH 6
× 2-CHANNEL MUX AND PGAE
•
PCM Audio Interface
•
Multiplexer and Programmable-Gain Amplifier
– Master/Slave Mode Selectable
(PGA)
– Data Formats: 24-Bit Left-Justified, 24-Bit
– 6
×2-Channel Single-Ended Inputs
I2S, 16-, 24-Bit Right-Justified
– Multiplexed Output
•
Mode Control by Serial Interface:
– Maximum Input Level: 2.4 V rms
– With SPI Control (PCM1850A)
– Input Resistance: 50 k
Ω, Minimum
– With I2C Control (PCM1851A)
– PGA Gain: 11-dB to –11-dB Range, 0.5
•
Sampling Rate: 16–96 kHz
dB/Step
•
System Clock: 256 fs, 384 fs, 512 fs, 768 fs
•
24-Bit Delta-Sigma Stereo A/D Converter
•
Dual Power Supplies: 5 V for Analog, 3.3 V for
•
Antialiasing Filter Included
Digital
•
Oversampling Decimation Filter
•
Package: 32-Pin TQFP
– Oversampling Frequency:
×64
– Pass-Band Ripple:
±0.05 dB
•
DVD/HDD/DVD+HDD Recorder
– Stop-Band Attenuation: –65 dB
•
AV Amplifier Receiver
– On-Chip High-Pass Filter: 0.91 Hz (48 kHz)
•
CD Recorder
•
High Performance
•
MD Recorder
– THD+N: 0.0023% (Typically)
•
Multitrack Recorder
– SNR: 101 dB (Typically)
•
Electric Musical Instrument
– Dynamic Range: 102 dB (Typically)
The PCM1850A/1851A is a high-performance, low-cost, single-chip stereo analog-to-digital converter with a
single-ended analog front end that consists of a 6-stereo-input multiplexer and wide-range PGA. The
PCM1850A/1851A includes a delta-sigma modulator with 64-times oversampling, a digital decimation filter and a
low-cut filter that removes the dc component of the input signal. For various applications, the PCM1850A/1851A
supports two modes (master and slave) and four data formats through a serial control interface, SPI for the
PCM1850A and I2C for the PCM1851A. The PCM1850A/1851A is suitable for a wide variety of cost-sensitive
DVD/CD/MD recorder and receiver applications where good performance and operation from a 5-V analog
supply and 3.3-V digital supply is required. The PCM1850A/1851A is fabricated using a highly advanced CMOS
process and is available in a small 32-pin TQFP package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1850A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1850A BURR-BROWN-PCM1850A Datasheet
451Kb / 32P
24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
PCM1850APJT BURR-BROWN-PCM1850APJT Datasheet
451Kb / 32P
24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
PCM1850APJTG4 BURR-BROWN-PCM1850APJTG4 Datasheet
451Kb / 32P
24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
PCM1850APJTR BURR-BROWN-PCM1850APJTR Datasheet
451Kb / 32P
24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
PCM1850APJTRG4 BURR-BROWN-PCM1850APJTRG4 Datasheet
451Kb / 32P
24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
More results

Similar Description - PCM1850A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4334 CIRRUS-CS4334 Datasheet
817Kb / 26P
8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
24-Bit, 96 kHz Stereo A/D Converter?
logo
Burr-Brown (TI)
PCM1851 BURR-BROWN-PCM1851 Datasheet
370Kb / 10P
24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 X 2-CHANNEL MUX AND PGA
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1850A BURR-BROWN-PCM1850A Datasheet
451Kb / 32P
24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 쨈 2-CHANNEL MUX AND PGAE
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
24 bit, 96 kHz Stereo A/D Converter
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_08 Datasheet
806Kb / 24P
8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
logo
Texas Instruments
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
96-kHz STEREO A/D CONVERTER
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
96-kHz Stereo A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com