Electronic Components Datasheet Search
  English  ▼

X  

PCM1850A Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1850A
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 ´ 2-CHANNEL MUX AND PGAE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1850A Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1850A Datasheet HTML 2Page - Texas Instruments PCM1850A Datasheet HTML 3Page - Texas Instruments PCM1850A Datasheet HTML 4Page - Texas Instruments PCM1850A Datasheet HTML 5Page - Texas Instruments PCM1850A Datasheet HTML 6Page - Texas Instruments PCM1850A Datasheet HTML 7Page - Texas Instruments PCM1850A Datasheet HTML 8Page - Texas Instruments PCM1850A Datasheet HTML 9Page - Texas Instruments PCM1850A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
PCM1850A
PCM1851A
SLES173 – MARCH 2006
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 256 fS, 24-bit data (unless
otherwise noted)
PCM1850APJT, PCM1851APJT
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
INPUT LOGIC
VIH(1)
2
VDD
VIL(1)
0
0.8
Input logic level
VDC
VIH(2)(3)
2
5.5
VIL (2)(3)
0
0.8
IIH(2)
VIN = VDD
±10
IIL(2)
VIN = 0
±10
Input logic current
µA
IIH(1)(3)
VIN = VDD
65
100
IIL(1)(3)
VIN = 0
±10
OUTPUT LOGIC
VOH(4)
IOUT = –4 mA
2.8
Output logic level
VDC
VOL(4)(5)
IOUT = 4 mA
0.5
AFE MULTPLEXER
Input channels
6
Input level for full scale
2
2.4
Vrms
Center voltage (VREF1)
Selected channel
0.5 VCC
V
Center voltage (VREFS)
Unselected channel
0.5 VCC
V
Selected channel
50
169
Input impedance
k
Ω
Unselected channel
50
57
AFE PGA
Gain range
–11
0
11
dB
Gain step
0.5
dB
Monotonicity
Specified
Antialiasing filter frequency
300
kHz
–3 dB, PGA gain = –5.5 dB
response
MONITOR OUTPUT
Output level for full scale
AC-coupled, >10 k
Ω
0.6 VCC
Vp-p
Output load
AC-coupled
10
k
Ω
THD+N (6)(7)
AC-coupled, 10 k
Ω, 3 Vp-p output
0.0016%
S/N
Signal-to-noise ratio (6)(7)
AC-coupled, 10 k
Ω
104
dB
Gain error (6)(7)
AC-coupled, 10 k
Ω
–3
% of FSR
Center voltage
0.5 VCC
V
ADC
Resolution
24
bits
Full-scale input voltage
0.6 VCC
Vp-p
(1)
Pins 1, 2: LRCK, BCK (In slave mode, Schmitt-trigger input, with 50-k
Ω typical pulldown resistor)
(2)
Pins 7, 31, 32: SCKI, MC/SCL (PCM1850A/1851A), MD/SDA (PCM1850A/1851A) (Schmitt-trigger input, 5-V tolerant)
(3)
Pins 8–10, 30: TEST0, TEST1, RST, MS/ADR (PCM1850A/1851A) (Schmitt-trigger input, with 50-k
Ω typical pulldown resistor, 5-V
tolerant)
(4)
Pins 1–4: LRCK, BCK (in master mode), DOUT, OVER
(5)
Pin 32: SDA (PCM1851A) (open-drain LOW output)
(6)
Analog performance specifications are tested with the System Two™ audio measurement system by Audio Precision™, using a 400-Hz
HPF and 20-kHz LPF in the RMS mode at fIN = 1 kHz.
(7)
Reference level (0 dB) is specified as 2-V rms input on VINL[1:6] and VINR[1:6] pins with PGA gain of –5.5 dB.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com