Electronic Components Datasheet Search
  English  ▼

X  

PCM1850A Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM1850A
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 ´ 2-CHANNEL MUX AND PGAE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1850A Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1850A Datasheet HTML 17Page - Texas Instruments PCM1850A Datasheet HTML 18Page - Texas Instruments PCM1850A Datasheet HTML 19Page - Texas Instruments PCM1850A Datasheet HTML 20Page - Texas Instruments PCM1850A Datasheet HTML 21Page - Texas Instruments PCM1850A Datasheet HTML 22Page - Texas Instruments PCM1850A Datasheet HTML 23Page - Texas Instruments PCM1850A Datasheet HTML 24Page - Texas Instruments PCM1850A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
www.ti.com
BCK
LRCK
DOUT
t(BCKH)
t(BCKL)
t(CKLR)
t(LRCP)
t(BCKP)
t(CKDO)
t(LRDO)
0.5 VDD
0.5 VDD
0.5 VDD
T0018-02
PCM1850A
PCM1851A
SLES173 – MARCH 2006
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
t(BCKP)
BCK period
150
1/(64 fS)
1000
ns
t(BCKH)
BCK pulse duration, HIGH
60
0.5 t(BCKP)
400
ns
t(BCKL)
BCK pulse duration, LOW
60
0.5 t(BCKP)
400
ns
t(CKLR)
Delay time, BCK falling edge to LRCK valid
–10
20
ns
t(LRCP)
LRCK period
10
1/fS
60
µs
t(CKDO)
Delay time, BCK falling edge to DOUT valid
–10
20
ns
t(LRDO)
Delay time, LRCK edge to DOUT valid
–10
20
ns
tr
Rise time of all signals
10
ns
tf
Fall time of all signals
10
ns
NOTE: Timing measurement reference level is 0.5 VDD. Rise and fall times are measured from 10% to 90% of IN/OUT signal swing. Load
capacitance of all signals is 20 pF.
Figure 25. Audio Data Interface Timing (Master Mode: LRCK, BCK Work as Outputs)
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com