Electronic Components Datasheet Search
  English  ▼

X  

PCM2704C Datasheet(PDF) 26 Page - Texas Instruments

Part # PCM2704C
Description  PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704C Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM2704C Datasheet HTML 22Page - Texas Instruments PCM2704C Datasheet HTML 23Page - Texas Instruments PCM2704C Datasheet HTML 24Page - Texas Instruments PCM2704C Datasheet HTML 25Page - Texas Instruments PCM2704C Datasheet HTML 26Page - Texas Instruments PCM2704C Datasheet HTML 27Page - Texas Instruments PCM2704C Datasheet HTML 28Page - Texas Instruments PCM2704C Datasheet HTML 29Page - Texas Instruments PCM2704C Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
PCM2704C, PCM2705C, PCM2706C, PCM2707C
SBFS036B – MAY 2015 – REVISED AUGUST 2015
www.ti.com
9.5 Programming
9.5.1 USB Interface
Control data and audio data are transferred to the PCM2704C/5C/6C/7C through the D+ pin (pin 9 for the
PCM2704C/5C, pin 23 for the PCM2706C/7C) and D– pin (pin 8 for the PCM2704C/5C, pin 22 for the
PCM2706C/7C). D+ should be pulled up with a 1.5-k
Ω (±5%) resistor. To avoid back voltage in self-powered
operation, the device must not provide power to the pullup resistor on D+ while VBUS of the USB port is inactive.
All data to/from the PCM2704C/5C/6C/7C are transferred at full speed. Table 4 shows the information that is
provided in the device descriptor. Some parts of the device descriptor can be modified through external ROM
(PCM2704C/6C) or SPI (PCM2705C/7C).
Table 4. Device Descriptor
DEVICE DESCRIPTOR
DESCRIPTION
USB revision
1.1 compliant
Device class
0x00 (device defined interface level)
Device subclass
0x00 (not specified)
Device protocol
0x00 (not specified)
Max packet size for endpoint 0
8 bytes
Vendor ID
0x08BB (default value, can be modified)
0x27C4/0x27C5/0x27C6/0x27C7 (These values correspond to the model number, and the value can
Product ID
be modified.)
Device release number
1.0 (0x0100)
Number of configurations
1
Vendor strings
BurrBrown from Texas Instruments (default value, can be modified)
Product strings
USB AUDIO
DAC (default value, can be modified)
Serial number
Not supported
Table 5 shows the information contained in the configuration descriptor. Some parts of the configuration
descriptor can be modified through external ROM (PCM2704C/6C) or SPI (PCM2705C/7C).
Table 5. Configuration Descriptor
CONFIGURATION DESCRIPTOR
DESCRIPTION
Interface
Three interfaces
0x80 or 0xC0 (bus-powered or self-powered, depending on PSEL; no remote wake up. This value can
Power attribute
be modified.)
0x0A, 0x32, or 0xFA (20 mA for self-powered, 100 mA or 500 mA for bus-powered, depending on
Max power
PSEL and HOST. This value can be modified.)
Table 6 shows the information contained in the string descriptor. Some parts of the string descriptor can be
modified through external ROM (PCM2704C/6C) or SPI (PCM2705C/7C).
Table 6. String Descriptor
STRING DESCRIPTOR
DESCRIPTION
0
0x0409
1
BurrBrown from Texas Instruments (default value, can be modified)
2
USB AUDIO
DAC (default value, can be modified)
26
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: PCM2704C PCM2705C PCM2706C PCM2707C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com