Electronic Components Datasheet Search
  English  ▼

X  

PCM2704C Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM2704C
Description  PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704C Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM2704C Datasheet HTML 5Page - Texas Instruments PCM2704C Datasheet HTML 6Page - Texas Instruments PCM2704C Datasheet HTML 7Page - Texas Instruments PCM2704C Datasheet HTML 8Page - Texas Instruments PCM2704C Datasheet HTML 9Page - Texas Instruments PCM2704C Datasheet HTML 10Page - Texas Instruments PCM2704C Datasheet HTML 11Page - Texas Instruments PCM2704C Datasheet HTML 12Page - Texas Instruments PCM2704C Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
PCM2704C, PCM2705C, PCM2706C, PCM2707C
www.ti.com
SBFS036B – MAY 2015 – REVISED AUGUST 2015
7.6 Electrical Characteristics: PCM2704CDB, PCM2705CDB, PCM2706CPJT, PCM2707CPJT
All specifications at TA = 25°C, VBUS = 5 V, ƒS = 44.1 kHz, ƒIN = 1 kHz, and 16-bit data (unless otherwise noted). For the Host
interface, apply USB revision 1.1, full-speed. For audio data format, use USB isochronous data format.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT LOGIC
Input logic high level
2
3.3
VIH
VDC
Input logic high level(1)
2
5.5
Input logic low level
–0.3
0.8
VIL
VDC
Input logic low level(1)
–0.3
0.8
Input logic high current(2)
VIN = 3.3 V
±10
IIH
μA
Input logic high current
VIN = 3.3 V
65
100
Input logic low current(2)
VIN = 0 V
±10
IIL
μA
Input logic low current
VIN = 0 V
±10
OUTPUT LOGIC
Output logic high level(3)
IOH = –2 mA
2.8
VOH
VDC
Output logic high level
IOH = –2 mA
2.4
Output logic low level(3)
IOL = 2 mA
0.3
VOL
VDC
Output logic low level
IOL = 2 mA
0.4
CLOCK FREQUENCY
Input clock frequency, XTI
11.994
12
12.006
MHz
32
ƒS
Sampling frequency
44.1
kHz
48
DAC CHARACTERISTICS
Resolution
16
bits
Audio data channel
1, 2
channel
DC ACCURACY
Gain mismatch, channel-to-channel
±2
±8
% of FSR
Gain error
±2
±8
% of FSR
Bipolar zero error
±3
±6
% of FSR
DYNAMIC PERFORMANCE (4)
RL > 10 kΩ, self-powered,
0.006%
0.01%
VOUT = 0 dB
Line (5)
THD +
Total harmonic
RL > 10 kΩ, bus-powered,
0.012%
0.02%
N
distortion + noise
VOUT = 0 dB
RL = 32 Ω, self- or bus-
Headphone
0.025%
powered, VOUT = 0 dB
THD +
Total harmonic distortion + noise
VOUT = –60 dB
2%
N
Dynamic range
EIAJ, A-weighted
90
98
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
90
98
dB
Channel separation
60
70
dB
(1)
HOST pin.
(2)
D+, D–, HOST, TEST, TEST0, TEST1, DT, PSEL, FSEL, XTI pins.
(3)
FUNC0, FUNC1, and FUNC2 pins.
(4)
ƒIN = 1 kHz, using the System Two Cascade™ audio measurement system by Audio Precision
® in RMS mode with a 20-kHz low-pass
filter (LPF) and 400-Hz high-pass filter (HPF).
(5)
THD + N performance varies slightly, depending on the effective output load, including dummy load R7 and R8 in Figure 35.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: PCM2704C PCM2705C PCM2706C PCM2707C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com