Electronic Components Datasheet Search
  English  ▼

X  

PCM2704C Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM2704C
Description  PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704C Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM2704C Datasheet HTML 2Page - Texas Instruments PCM2704C Datasheet HTML 3Page - Texas Instruments PCM2704C Datasheet HTML 4Page - Texas Instruments PCM2704C Datasheet HTML 5Page - Texas Instruments PCM2704C Datasheet HTML 6Page - Texas Instruments PCM2704C Datasheet HTML 7Page - Texas Instruments PCM2704C Datasheet HTML 8Page - Texas Instruments PCM2704C Datasheet HTML 9Page - Texas Instruments PCM2704C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
PGND
V
CCP
HOST
FUNC3
FUNC0
HID0/MS
HID1/MC
HID2/MD
V
BUS
D+
D
-
V
DD
DGND
FUNC1
FUNC2
DOUT
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
9
31
10
30
11
29
12
28
13
27
14
26
15
25
16
PCM2704C, PCM2705C, PCM2706C, PCM2707C
SBFS036B – MAY 2015 – REVISED AUGUST 2015
www.ti.com
PCM2706C, PCM2707C PJT Package
32-Pin TQFP
Top View
Pin Functions: PJT Package (PCM2706C/PCM2707C)
PIN
DESCRIPTION
NAME
NO.
I/O
AGNDL
26
—
Analog ground for headphone amplifier of L-channel
AGNDR
31
—
Analog ground for headphone amplifier of R-channel
CK
14
O
Clock output for external ROM (PCM2706C). Must be left open (PCM2707C).
D+
23
I/O
USB differential input/output plus(1)
D–
22
I/O
USB differential input/output minus(1)
DGND
20
—
Digital ground
DOUT
17
O
S/PDIF output/I2S data output
DT
15
I/O
Data input/output for external ROM (PCM2706C). Must be left open with pullup resistor (PCM2707C). (1)
FSEL
9
I
Function select (low: I2S data output, high: S/PDIF output)(2)
FUNC0
5
I/O
HID key state input (next track), active high (FSEL = 1). I2S LR clock output (FSEL = 0).(3)
FUNC1
19
I/O
HID key state input (previous track), active high (FSEL = 1). I2S bit clock output (FSEL = 0).(3)
FUNC2
18
I/O
HID key state input (stop), active high (FSEL = 1). I2S system clock output (FSEL = 0).(3)
FUNC3
4
I
HID key state input (play/pause), active high (FSEL = 1). I2S data input (FSEL = 0).(3)
HID0/MS
6
I
HID key state input (mute), active high (PCM2706C). MS input (PCM2707C). (3)
HID1/MC
7
I
HID key state input (volume up), active high (PCM2706C). MC input (PCM2707C). (3)
HID2/MD
8
I
HID key state input (volume down), active high (PCM2706C). MD input (PCM2707C).(3)
Host detection during self-powered operation (connect to VBUS). Max power select during bus-powered
HOST
3
I
operation. (low: 100 mA, high: 500 mA).(4)
PGND
1
—
Analog ground for DAC, OSC, and PLL
PSEL
16
I
Power source select (low: self-power, high: bus-power)(1)
SSPND
11
O
Suspend flag, active low (low: suspend, high: operational)
TEST
10
I
Test pin. Must be set high(1)
(1)
LV-TTL level
(2)
LV-TTL level.
(3)
LV-TTL level with internal pulldown
(4)
LV-TTL level, 5-V tolerant
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: PCM2704C PCM2705C PCM2706C PCM2707C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com