Electronic Components Datasheet Search
  English  ▼

X  

PCM2704C Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM2704C
Description  PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704C Datasheet(HTML) 4 Page - Texas Instruments

  PCM2704C Datasheet HTML 1Page - Texas Instruments PCM2704C Datasheet HTML 2Page - Texas Instruments PCM2704C Datasheet HTML 3Page - Texas Instruments PCM2704C Datasheet HTML 4Page - Texas Instruments PCM2704C Datasheet HTML 5Page - Texas Instruments PCM2704C Datasheet HTML 6Page - Texas Instruments PCM2704C Datasheet HTML 7Page - Texas Instruments PCM2704C Datasheet HTML 8Page - Texas Instruments PCM2704C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
XTO
CK
DT
PSEL
DOUT
DGND
V
DD
D
-
D+
V
BUS
ZGND
AGNDL
V
CCL
V
L
OUT
XTI
SSPND
TEST0
TEST1
HID2/MD
HID1/MC
HID0/MS
HOST
V
CCP
PGND
V
COM
AGNDR
V
CCR
V
R
OUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PCM2704C, PCM2705C, PCM2706C, PCM2707C
SBFS036B – MAY 2015 – REVISED AUGUST 2015
www.ti.com
6 Pin Configuration and Functions
PCM2704C, PCM2705C DB Package
28-Pin SSOP
Top View
Pin Functions: DB Package (PCM2704C/PCM2705C)
PIN
DESCRIPTION
NAME
NO.
I/O
AGNDL
12
—
Analog ground for headphone amplifier of L-channel
AGNDR
17
—
Analog ground for headphone amplifier of R-channel
CK
2
O
Clock output for external ROM (PCM2704C). Must be left open (PCM2705C).
D+
9
I/O
USB differential input/output plus(1)
D–
8
I/O
USB differential input/output minus(1)
DGND
6
—
Digital ground
DOUT
5
O
S/PDIF output
DT
3
I/O
Data input/output for external ROM (PCM2704C). Must be left open with pullup resistor (PCM2705C). (1)
HID0/MS
22
I
HID key state input (mute), active high (PCM2704C). MS input (PCM2705C)(2)
HID1/MC
23
I
HID key state input (volume up), active high (PCM2704C). MC input (PCM2705C) (2)
HID2/MD
24
I
HID key state input (volume down), active high (PCM2704C). MD input (PCM2705C) (2)
Host detection during self-powered operation (connect to VBUS). Max power select during bus-powered
HOST
21
I
operation (low: 100 mA, high: 500 mA).(3)
PGND
19
—
Analog ground for DAC, OSC, and PLL
PSEL
4
I
Power source select (low: self-power, high: bus-power)(1)
SSPND
27
O
Suspend flag, active low (low: suspend, high: operational)
TEST0
26
I
Test pin. Must be set high(1)
TEST1
25
I
Test pin. Must be set high(1)
VBUS
10
—
Connect to USB power (VBUS) for bus-powered operation. Connect to VDD for self-powered operation.
VCCL
13
—
Analog power supply for headphone amplifier of L-channel(4)
(1)
LV-TTL level.
(2)
LV-TTL level with internal pulldown
(3)
LV-TTL level, 5-V tolerant
(4)
Connect decoupling capacitor to GND. Supply 3.3 V for self-powered applications.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: PCM2704C PCM2705C PCM2706C PCM2707C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com