Electronic Components Datasheet Search
  English  ▼

X  

PCM5100APWR Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM5100APWR
Description  PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5100APWR Datasheet(HTML) 3 Page - Texas Instruments

  PCM5100APWR Datasheet HTML 1Page - Texas Instruments PCM5100APWR Datasheet HTML 2Page - Texas Instruments PCM5100APWR Datasheet HTML 3Page - Texas Instruments PCM5100APWR Datasheet HTML 4Page - Texas Instruments PCM5100APWR Datasheet HTML 5Page - Texas Instruments PCM5100APWR Datasheet HTML 6Page - Texas Instruments PCM5100APWR Datasheet HTML 7Page - Texas Instruments PCM5100APWR Datasheet HTML 8Page - Texas Instruments PCM5100APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
www.ti.com
SLAS859C – MAY 2012 – REVISED MAY 2015
•
Clarified clock generation explanation.................................................................................................................................. 24
•
Clarified external SCK discussion. ....................................................................................................................................... 25
•
Deleted "The PCM510xA disables the internal PLL when an external SCK is supplied." ................................................... 25
Changes from Original (May 2012) to Revision A
Page
•
Changed layout of first two pages .......................................................................................................................................... 1
•
Changed "VOUT = –1 dB" to "THD+N at –1 dBFS" in in the Dymamic Performance section of the Electrical
Characteristics ........................................................................................................................................................................ 8
•
Changed reference to correct footnote................................................................................................................................. 10
•
Changed tSCKH and tSCKL values to 9ns................................................................................................................................. 11
•
Removed 48kHz sample rate with PLL-generated clock...................................................................................................... 25
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com