Electronic Components Datasheet Search
  English  ▼

X  

PCM5100APWR Datasheet(PDF) 33 Page - Texas Instruments

Part # PCM5100APWR
Description  PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5100APWR Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCM5100APWR Datasheet HTML 29Page - Texas Instruments PCM5100APWR Datasheet HTML 30Page - Texas Instruments PCM5100APWR Datasheet HTML 31Page - Texas Instruments PCM5100APWR Datasheet HTML 32Page - Texas Instruments PCM5100APWR Datasheet HTML 33Page - Texas Instruments PCM5100APWR Datasheet HTML 34Page - Texas Instruments PCM5100APWR Datasheet HTML 35Page - Texas Instruments PCM5100APWR Datasheet HTML 36Page - Texas Instruments PCM5100APWR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
www.ti.com
SLAS859C – MAY 2012 – REVISED MAY 2015
11.5 PCM510xA Power Modes
11.5.1 Setting Digital Power Supplies and I/O Voltage Rails
The internal digital core of the PCM510xA devices run from a 1.8-V supply. This can be generated by the internal
LDO, or by an external 1.8-V supply.
DVDD is used to set the I/O voltage, and to be used as the input to the onchip LDO that creates the 1.8 V
required by the digital core.
For systems that require 3.3 V I/O support, but lower power consumption, DVDD should be connected to 3.3 V
and LDOO can be connected to an external 1.8-V source. Doing so will disable the onchip LDO.
When setting I/O voltage to be 1.8 V, both DVDD and LDOO must be provided with an external 1.8-V supply.
11.5.2 Power Save Modes
The PCM510xA devices offer two power-save modes: standby and power-down.
When a clock error (SCK, BCK, and LRCK) or clock halt is detected, the PCM510xA device automatically enters
standby mode. The DAC and line driver are also powered down.
When BCK and LRCK remain at a low level for more than 1 second, the PCM510xA device automatically enters
powerdown mode. Power-down mode disables the negative charge pump and bias/reference circuit, in addition
to those disabled in standby mode.
When expected audio clocks (SCK, BCK, LRCK) are applied to the PCM510xA device, or if BCK and LRCK start
correctly while SCK remains at ground level for 16 successive LRCK periods, the device starts its powerup
sequence automatically.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com