Electronic Components Datasheet Search
  English  ▼

X  

PCM5100APWR Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM5100APWR
Description  PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5100APWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM5100APWR Datasheet HTML 2Page - Texas Instruments PCM5100APWR Datasheet HTML 3Page - Texas Instruments PCM5100APWR Datasheet HTML 4Page - Texas Instruments PCM5100APWR Datasheet HTML 5Page - Texas Instruments PCM5100APWR Datasheet HTML 6Page - Texas Instruments PCM5100APWR Datasheet HTML 7Page - Texas Instruments PCM5100APWR Datasheet HTML 8Page - Texas Instruments PCM5100APWR Datasheet HTML 9Page - Texas Instruments PCM5100APWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
SLAS859C – MAY 2012 – REVISED MAY 2015
www.ti.com
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
AVDD, CPVDD, DVDD
–0.3
3.9
Supply voltage
LDO with DVDD at 1.8 V
–0.3
2.25
DVDD at 1.8 V
–0.3
2.25
V
Digital input voltage
DVDD at 3.3 V
–0.3
3.9
Analog input voltage
–0.3
3.9
Operating junction temperature range
–40
130
°C
Storage temperature, Tstg
–65
150
°C
8.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±750
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCOM mode
3
3.3
3.46
Referenced to
AVDD
Analog power supply voltage range
V
AGND(1)
VREF mode
3.2
3.3
3.46
1.8 V DVDD
1.65
1.8
1.95
Referenced to
DVDD
Digital power supply voltage range
V
DGND(1)
3.3 V DVDD
3.1
3.3
3.46
CPVDD
Charge pump supply voltage range
Referenced to CPGND(1)
3.1
3.3
3.46
V
MCLK
Master clock frequency
50
MHz
LOL, LOR
Stereo line output load resistance
1
10
k
Ω
CLOUT
Digital output load capacitance
10
pF
TJ
Operating junction temperature range
–40
130
°C
(1)
All grounds on board are tied together; they must not differ in voltage by more than 0.2 V max, for any combination of ground signals.
8.4 Thermal Information
PW
THERMAL METRIC(1)
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
91.2
RθJC(top)
Junction-to-case (top) thermal resistance
25.3
RθJB
Junction-to-board thermal resistance
42
°C/W
ψJT
Junction-to-top characterization parameter
1
ψJB
Junction-to-board characterization parameter
41.5
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com