Electronic Components Datasheet Search
  English  ▼

X  

PCM5100APWR Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM5100APWR
Description  PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5100APWR Datasheet(HTML) 5 Page - Texas Instruments

  PCM5100APWR Datasheet HTML 1Page - Texas Instruments PCM5100APWR Datasheet HTML 2Page - Texas Instruments PCM5100APWR Datasheet HTML 3Page - Texas Instruments PCM5100APWR Datasheet HTML 4Page - Texas Instruments PCM5100APWR Datasheet HTML 5Page - Texas Instruments PCM5100APWR Datasheet HTML 6Page - Texas Instruments PCM5100APWR Datasheet HTML 7Page - Texas Instruments PCM5100APWR Datasheet HTML 8Page - Texas Instruments PCM5100APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
www.ti.com
SLAS859C – MAY 2012 – REVISED MAY 2015
7 Pin Configuration and Functions
PW 20-Pin Package
(Top View)
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
AGND
9
—
Analog ground
AVDD
8
P
Analog power supply, 3.3 V
BCK
13
I
Audio data bit clock input(1)
CAPM
4
O
Charge pump flying capacitor terminal for negative rail
CAPP
2
O
Charge pump flying capacitor terminal for positive rail
CPGND
3
—
Charge pump ground
CPVDD
1
P
Charge pump power supply, 3.3 V
DEMP
10
I
De-emphasis control for 44.1-kHz sampling rate(1): Off (Low) / On (High)
DGND
19
—
Digital ground
DIN
14
I
Audio data input(1)
DVDD
20
P
Digital power supply, 1.8 V or 3.3 V
FLT
11
I
Filter select : Normal latency (Low) / Low latency (High)
FMT
16
I
Audio format selection : I2S (Low) / Left-justified (High)
LDOO
18
P
Internal logic supply rail terminal for decoupling, or external 1.8 V supply terminal
LRCK
15
I
Audio data word clock input(1)
OUTL
6
O
Analog output from DAC left channel
OUTR
7
O
Analog output from DAC right channel
SCK
12
I
System clock input(1)
VNEG
5
O
Negative charge pump rail terminal for decoupling, –3.3 V
XSMT
17
I
Soft mute control(1): Soft mute (Low) / soft un-mute (High)
(1)
Failsafe LVCMOS Schmitt trigger input
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com