Electronic Components Datasheet Search
  English  ▼

X  

ICS841S02I Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS841S02I
Description  PCI EXPRESS??CLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S02I Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS841S02I Datasheet HTML 1Page - Integrated Device Technology ICS841S02I Datasheet HTML 2Page - Integrated Device Technology ICS841S02I Datasheet HTML 3Page - Integrated Device Technology ICS841S02I Datasheet HTML 4Page - Integrated Device Technology ICS841S02I Datasheet HTML 5Page - Integrated Device Technology ICS841S02I Datasheet HTML 6Page - Integrated Device Technology ICS841S02I Datasheet HTML 7Page - Integrated Device Technology ICS841S02I Datasheet HTML 8Page - Integrated Device Technology ICS841S02I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IDT™ / ICS™ PCI EXPRESS CLOCK GENERATOR
2
ICS841S02BGI REV. C NOVEMBER 1, 2007
ICS841S02I
PCI EXPRESS™ CLOCK GENERATOR
PRELIMINARY
TABLE 2. PIN CHARACTERISTICS
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
9
,
7
,
1V
C
R
S
_
S
S
r
e
w
o
P.
s
t
u
p
t
u
o
C
R
S
d
n
a
e
r
o
c
r
o
f
d
n
u
o
r
G
0
2
,
8
,
2V
C
R
S
_
D
D
r
e
w
o
P.
s
t
u
p
t
u
o
C
R
S
d
n
a
e
r
o
c
r
o
f
y
l
p
p
u
s
r
e
w
o
P
4
,
32
C
C
R
S
,
2
T
C
R
St
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
S
C
H
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
6
,
51
C
C
R
S
,
1
T
C
R
St
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
S
C
H
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
0
1F
E
R
It
u
p
n
I
5
7
4
(
r
o
t
s
i
s
e
r
n
o
i
s
i
c
e
r
p
d
e
x
i
f
AW
a
s
e
d
i
v
o
r
p
d
n
u
o
r
g
o
t
n
i
p
s
i
h
t
m
o
r
f
)
x
T
C
R
S
,
x
C
C
R
S
e
d
o
m
-
t
n
e
r
r
u
c
l
a
i
t
n
e
r
e
f
f
i
d
r
o
f
d
e
s
u
t
n
e
r
r
u
c
e
c
n
e
r
e
f
e
r
.
s
t
u
p
t
u
o
k
c
o
l
c
1
1V
A
S
S
r
e
w
o
P.
n
i
p
d
n
u
o
r
g
g
o
l
a
n
A
2
1V
A
D
D
r
e
w
o
P.
L
L
P
r
o
f
y
l
p
p
u
s
r
e
w
o
P
3
1V
F
E
R
_
S
S
r
e
w
o
Pe
c
a
f
r
e
t
n
i
l
a
t
s
y
r
c
r
o
f
d
n
u
o
r
G
4
1V
F
E
R
_
D
D
r
e
w
o
P.
e
c
a
f
r
e
t
n
i
l
a
t
s
y
r
c
r
o
f
y
l
p
p
u
s
r
e
w
o
P
6
1
,
5
1T
U
O
_
L
A
T
X
,
N
I
_
L
A
T
Xt
u
p
n
I
.
t
u
p
n
i
e
h
t
s
i
N
I
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
.
t
u
p
t
u
o
e
h
t
s
i
T
U
O
_
L
A
T
X
7
1c
nd
e
s
u
n
U.
t
c
e
n
n
o
c
o
N
8
1K
L
C
St
u
p
n
Ip
u
ll
u
P
,
r
o
t
s
i
s
e
r
p
u
ll
u
p
l
a
n
r
e
t
n
i
n
a
s
a
h
n
i
p
s
i
h
T
.
K
L
C
S
e
l
b
i
t
a
p
m
o
c
s
u
B
M
S
.
e
d
o
m
n
w
o
d
r
e
w
o
p
n
i
e
c
n
a
d
e
p
m
i
h
g
i
h
n
i
s
i
t
u
b
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
9
1A
T
A
D
S
/
t
u
p
n
I
t
u
p
t
u
O
p
u
ll
u
P
,
r
o
t
s
i
s
e
r
p
u
ll
u
p
l
a
n
r
e
t
n
i
n
a
s
a
h
n
i
p
s
i
h
T
.
A
T
A
D
S
e
l
b
i
t
a
p
m
o
c
s
u
B
M
S
.
e
d
o
m
n
w
o
d
r
e
w
o
p
n
i
e
c
n
a
d
e
p
m
i
h
g
i
h
n
i
s
i
t
u
b
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
:
E
T
O
N
p
u
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
s
r
e
f
e
r
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
C
T
U
O
e
c
n
a
t
i
c
a
p
a
C
n
i
P
t
u
p
t
u
O3
5
F
p
L
N
I
e
c
n
a
t
c
u
d
n
I
n
i
P
7H
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com