Electronic Components Datasheet Search
  English  ▼

X  

ICS841S02I Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ICS841S02I
Description  PCI EXPRESS??CLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S02I Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ICS841S02I Datasheet HTML 9Page - Integrated Device Technology ICS841S02I Datasheet HTML 10Page - Integrated Device Technology ICS841S02I Datasheet HTML 11Page - Integrated Device Technology ICS841S02I Datasheet HTML 12Page - Integrated Device Technology ICS841S02I Datasheet HTML 13Page - Integrated Device Technology ICS841S02I Datasheet HTML 14Page - Integrated Device Technology ICS841S02I Datasheet HTML 15Page - Integrated Device Technology ICS841S02I Datasheet HTML 16Page - Integrated Device Technology ICS841S02I Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
IDT™ / ICS™ PCI EXPRESS CLOCK GENERATOR
15
ICS841S02BGI REV. C NOVEMBER 1, 2007
ICS841S02I
PCI EXPRESS™ CLOCK GENERATOR
PRELIMINARY
PACKAGE OUTLINE - G SUFFIX FOR 20 LEAD TSSOP
TABLE 9. PACKAGE DIMENSIONS
L
O
B
M
Y
S
s
r
e
t
e
m
i
l
l
i
M
N
I
MX
A
M
N0
2
A-
-0
2
.
1
1
A5
0
.
05
1
.
0
2
A0
8
.
05
0
.
1
b9
1
.
00
3
.
0
c9
0
.
00
2
.
0
D0
4
.
60
6
.
6
EC
I
S
A
B
0
4
.
6
1
E0
3
.
40
5
.
4
eC
I
S
A
B
5
6
.
0
L5
4
.
05
7
.
0
α
°
0°
8
a
a
a-
-0
1
.
0
Reference Document: JEDEC Publication 95, MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com