Electronic Components Datasheet Search
  English  ▼

X  

ICS841S02I Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS841S02I
Description  PCI EXPRESS??CLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S02I Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS841S02I Datasheet HTML 4Page - Integrated Device Technology ICS841S02I Datasheet HTML 5Page - Integrated Device Technology ICS841S02I Datasheet HTML 6Page - Integrated Device Technology ICS841S02I Datasheet HTML 7Page - Integrated Device Technology ICS841S02I Datasheet HTML 8Page - Integrated Device Technology ICS841S02I Datasheet HTML 9Page - Integrated Device Technology ICS841S02I Datasheet HTML 10Page - Integrated Device Technology ICS841S02I Datasheet HTML 11Page - Integrated Device Technology ICS841S02I Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
IDT™ / ICS™ PCI EXPRESS CLOCK GENERATOR
8
ICS841S02BGI REV. C NOVEMBER 1, 2007
ICS841S02I
PCI EXPRESS™ CLOCK GENERATOR
PRELIMINARY
TABLE 6. AC CHARACTERISTICS, V
DD_REF = VDDA = VDD_SRC = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
e
r
fy
c
n
e
u
q
e
r
F
5
2z
H
M
k
l
c
sy
c
n
e
u
q
e
r
F
K
L
C
S
0
0
4z
H
k
1
E
T
O
N
;
e
c
n
a
r
e
l
o
T
y
c
n
e
u
q
e
r
F
L
A
T
X0
5m
p
p
l
a
n
r
e
t
x
E
e
c
n
e
r
e
f
e
R
0m
p
p
c
d
o7
,
2
E
T
O
N
;
e
l
c
y
C
y
t
u
D
C
C
R
S
/
T
C
R
S
7
43
5%
)
o
(
k
s
t7
,
2
E
T
O
N
;
w
e
k
S
k
c
o
l
C
C
/
T
C
R
S
o
t
C
/
T
C
R
S
5
3s
p
t
D
O
I
R
E
P
3
E
T
O
N
;
d
o
i
r
e
P
e
g
a
r
e
v
A
0
7
9
9
.
93
3
5
0
.
0
1s
n
t
)
c
c
(
t
ij7
,
2
E
T
O
N
;
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
C
/
T
C
R
S
5
3s
p
t
)
r
e
p
(
t
ij7
,
2
E
T
O
N
;
S
M
R
,
r
e
t
t
i
J
d
o
i
r
e
P
3s
p
t
R
t
/
F
4
E
T
O
N
;
e
m
i
T
ll
a
F
/
e
s
i
R
C
C
R
S
/
T
C
R
S
5
7
10
0
7s
p
t
M
F
R
5
E
T
O
N
;
g
n
i
h
c
t
a
M
e
m
i
T
ll
a
F
/
e
s
i
R
0
2%
t
C
D
6
E
T
O
N
;
e
l
c
y
C
y
t
u
D
N
I
_
L
A
T
X
5
.
7
45
.
2
5%
Δt
R
t
/
F
n
o
i
t
a
i
r
a
V
e
m
i
T
ll
a
F
/
e
s
i
R
5
2
1s
p
V
H
G
I
H
h
g
i
H
e
g
a
t
l
o
V
0
2
50
0
8v
m
V
W
O
L
w
o
L
e
g
a
t
l
o
V
0
5
1
-v
m
V
X
O
e
g
a
t
l
o
V
r
e
v
o
s
s
o
r
C
t
u
p
t
u
Og
n
i
w
S
V
7
.
0
@0
5
20
5
5V
m
V
S
V
O
e
g
a
t
l
o
V
t
o
o
h
s
r
e
v
O
m
u
m
i
x
a
M
V
H
G
I
H
3
.
0
+V
V
S
D
U
e
g
a
t
l
o
V
t
o
o
h
s
r
e
d
n
U
m
u
m
i
n
i
M
3
.
0
-V
V
B
R
e
g
a
t
l
o
V
k
c
a
B
g
n
i
R
2
.
0V
.
l
a
t
s
y
r
c
d
e
d
n
e
m
m
o
c
e
r
h
t
i
W
:
1
E
T
O
N
V
t
n
i
o
p
g
n
i
s
s
o
r
c
t
a
d
e
r
u
s
a
e
M
:
2
E
T
O
N
X
O .
V
t
n
i
o
p
g
n
i
s
s
o
r
c
t
a
d
e
r
u
s
a
e
M
:
3
E
T
O
N
X
O
.
z
H
M
0
0
1
t
a
V
m
o
r
f
d
e
r
u
s
a
e
M
:
4
E
T
O
N
L
O
V
o
t
V
5
7
1
.
0
=
H
O
.
V
5
2
5
.
0
=
t
(
*
2
f
o
n
o
i
t
c
a
r
f
a
s
a
d
e
n
i
m
r
e
t
e
D
:
5
E
T
O
N
R
t
–
F
t
(
/
)
R
t
+
F .
)
n
i
h
t
i
w
e
b
t
o
n
ll
i
w
e
l
c
y
c
y
t
u
d
k
c
o
l
c
F
E
R
e
h
t
t
u
b
%
0
7
/
0
3
o
t
p
u
s
e
l
c
y
c
y
t
u
d
t
u
p
n
i
h
t
i
w
y
l
b
a
il
e
r
e
t
a
r
e
p
o
ll
i
w
e
c
i
v
e
d
e
h
T
:
6
E
T
O
N
n
o
i
t
a
c
i
f
i
c
e
p
s
0
5
a
g
n
i
s
u
d
e
r
u
s
a
e
M
:
7
E
T
O
N
Ω
.
n
o
i
t
a
n
i
m
r
e
t
D
N
G
o
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com