Electronic Components Datasheet Search
  English  ▼

X  

ICS841S02I Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS841S02I
Description  PCI EXPRESS??CLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S02I Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS841S02I Datasheet HTML 1Page - Integrated Device Technology ICS841S02I Datasheet HTML 2Page - Integrated Device Technology ICS841S02I Datasheet HTML 3Page - Integrated Device Technology ICS841S02I Datasheet HTML 4Page - Integrated Device Technology ICS841S02I Datasheet HTML 5Page - Integrated Device Technology ICS841S02I Datasheet HTML 6Page - Integrated Device Technology ICS841S02I Datasheet HTML 7Page - Integrated Device Technology ICS841S02I Datasheet HTML 8Page - Integrated Device Technology ICS841S02I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
IDT™ / ICS™ PCI EXPRESS CLOCK GENERATOR
3
ICS841S02BGI REV. C NOVEMBER 1, 2007
ICS841S02I
PCI EXPRESS™ CLOCK GENERATOR
PRELIMINARY
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial Data
Interface, various device functions, such as individual clock
output buffers, can be individually enabled or disabled. The
registers associated with the Serial Data Interface initialize to
their default setting upon power-up, and therefore, use of this
interface is optional. Clock device register changes are nor-
mally made upon system initialization, if any are required. The
interface cannot be used during system operation for power
management functions.
SERIAL DATA INTERFACE
The clock driver serial protocol accepts byte write, byte read,
block write, and block read operations from the controller. For
block write/read operation, the bytes must be accessed in se-
quential order from lowest to highest byte (most significant bit
first) with the ability to stop after any complete byte has been
transferred. For byte write and byte read operations, the sys-
tem controller can access individually indexed bytes. The off-
set of the indexed byte is encoded in the command code, as
described in Table 3A.
The block write and block read protocol is outlined in Table 3B,
while Table 3C outlines the corresponding byte write and byte
read protocol. The slave receiver address is 11010010 (D2h).
DATA PROTOCOL
TABLE 3A. COMMAND CODE DEFINITION
T
I
Bn
o
i
t
p
i
r
c
s
e
D
7
.
n
o
i
t
a
r
e
p
o
e
t
i
r
w
e
t
y
b
r
o
d
a
e
r
e
t
y
B
=
1
,
n
o
i
t
a
r
e
p
o
e
t
i
r
w
k
c
o
l
b
r
o
d
a
e
r
k
c
o
l
B
=
0
5
:
6.
e
c
i
v
e
d
s
s
e
c
c
a
o
t
"
0
0
"
o
t
t
e
s
,
s
s
e
r
d
d
a
t
c
e
l
e
s
p
i
h
C
0
:
4
e
b
t
s
u
m
s
t
i
b
e
s
e
h
t
,
s
n
o
i
t
a
r
e
p
o
e
t
i
r
w
k
c
o
l
b
r
o
d
a
e
r
k
c
o
l
b
r
o
F
.
n
o
i
t
a
r
e
p
o
e
t
i
r
w
e
t
y
b
r
o
d
a
e
r
e
t
y
b
r
o
f
t
e
s
f
f
o
e
t
y
B
.
"
0
0
0
0
0
"
TABLE 3B. BLOCK READ AND BLOCK WRITE PROTOCOL
T
I
Be
t
i
r
W
k
c
o
l
B
=
n
o
i
t
p
i
r
c
s
e
DT
I
Bd
a
e
R
k
c
o
l
B
=
n
o
i
t
p
i
r
c
s
e
D
1t
r
a
t
S1
t
r
a
t
S
8
:
2s
t
i
b
7
-
s
s
e
r
d
d
a
e
v
a
l
S8
:
2s
t
i
b
7
-
s
s
e
r
d
d
a
e
v
a
l
S
9e
t
i
r
W9
e
t
i
r
W
0
1e
v
a
l
s
m
o
r
f
e
g
d
e
l
w
o
n
k
c
A0
1e
v
a
l
s
m
o
r
f
e
g
d
e
l
w
o
n
k
c
A
8
1
:
1
1s
t
i
b
8
-
e
d
o
C
d
n
a
m
m
o
C8
1
:
1
1s
t
i
b
8
-
e
d
o
C
d
n
a
m
m
o
C
9
1e
v
a
l
s
m
o
r
f
e
g
d
e
l
w
o
n
k
c
A9
1e
v
a
l
s
m
o
r
f
e
g
d
e
l
w
o
n
k
c
A
7
2
:
0
2s
t
i
b
8
-
t
n
u
o
C
e
t
y
B0
2t
r
a
t
s
t
a
e
p
e
R
8
2e
v
a
l
s
m
o
r
f
e
g
d
e
l
w
o
n
k
c
A7
2
:
1
2s
t
i
b
7
-
s
s
e
r
d
d
a
e
v
a
l
S
6
3
:
9
2s
t
i
b
8
-
1
e
t
y
b
a
t
a
D8
21
=
d
a
e
R
7
3e
v
a
l
s
m
o
r
f
e
g
d
e
l
w
o
n
k
c
A9
2e
v
a
l
s
m
o
r
f
e
g
d
e
l
w
o
n
k
c
A
5
4
:
8
3s
t
i
b
8
-
2
e
t
y
b
a
t
a
D7
3
:
0
3s
t
i
b
8
-
e
v
a
l
s
m
o
r
f
t
n
u
o
C
e
t
y
B
6
4e
v
a
l
s
m
o
r
f
e
g
d
e
l
w
o
n
k
c
A8
3e
g
d
e
l
w
o
n
k
c
A
s
e
g
d
e
l
w
o
n
k
c
A
e
v
a
l
S
/
e
t
y
B
a
t
a
D6
4
:
9
3s
t
i
b
8
-
e
v
a
l
s
m
o
r
f
1
e
t
y
B
a
t
a
D
s
t
i
b
8
-
N
e
t
y
B
a
t
a
D7
4e
g
d
e
l
w
o
n
k
c
A
e
v
a
l
s
m
o
r
f
e
g
d
e
l
w
o
n
k
c
A5
5
:
8
4s
t
i
b
8
-
e
v
a
l
s
m
o
r
f
2
e
t
y
B
a
t
a
D
p
o
t
S6
5e
g
d
e
l
w
o
n
k
c
A
s
e
g
d
e
l
w
o
n
k
c
A
/
e
v
a
l
S
m
o
r
f
s
e
t
y
B
a
t
a
D
s
t
i
b
8
-
e
v
a
l
s
m
o
r
f
N
e
t
y
B
a
t
a
D
e
g
d
e
l
w
o
n
k
c
A
t
o
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com