Electronic Components Datasheet Search
  English  ▼

X  

INA950-SEP Datasheet(PDF) 2 Page - Texas Instruments

Part # INA950-SEP
Description  INA950-SEP 2.7V to 80V, 1.1MHz, Ultra-Precise, Current-Sense Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA950-SEP Datasheet(HTML) 2 Page - Texas Instruments

  INA950-SEP Datasheet HTML 1Page - Texas Instruments INA950-SEP Datasheet HTML 2Page - Texas Instruments INA950-SEP Datasheet HTML 3Page - Texas Instruments INA950-SEP Datasheet HTML 4Page - Texas Instruments INA950-SEP Datasheet HTML 5Page - Texas Instruments INA950-SEP Datasheet HTML 6Page - Texas Instruments INA950-SEP Datasheet HTML 7Page - Texas Instruments INA950-SEP Datasheet HTML 8Page - Texas Instruments INA950-SEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
3 Description
The INA950-SEP is an ultra-precise, current-sense amplifier that can measure voltage drops across shunt
resistors over a wide common-mode range from 2.7V to 80V. The ultra-precise current measurement accuracy
is achieved thanks to the combination of an ultra-low offset voltage of ±12µV (maximum), a small gain error
of ±0.1% (maximum), and a high DC CMRR of 160dB (typical). The INA950-SEP is not only designed for DC
current measurement, but also for high-speed applications (such as fast overcurrent protection, for example)
with a high bandwidth of 1.1MHz and an 85dB AC CMRR (at 50kHz).
The INA950-SEP provides the capability to make ultra-precise current measurements by sensing the voltage
drop across a shunt resistor over a wide common- mode range from 2.7V to 80V. The INA950-SEP is available
in the TSSOP-8 package.
The INA950-SEP operates from a single 2.7V to 5.5V supply while only drawing 370µA from the supply (typical).
The low offset of the zero-drift architecture enables current sensing with low ohmic shunts as specified over the
operating temperature range (−55°C to 125°C).
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
INA950-SEP
PW (TSSOP, 8)
3.00mm × 4.4mm
(1)
The package size (length × width) is a nominal value and includes pins, where applicable.
(2)
For more information, see Section 10.
INA950-SEP
SBOSAK8 – MARCH 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA950-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com