Electronic Components Datasheet Search
  English  ▼

X  

INA950-SEP Datasheet(PDF) 13 Page - Texas Instruments

Part # INA950-SEP
Description  INA950-SEP 2.7V to 80V, 1.1MHz, Ultra-Precise, Current-Sense Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA950-SEP Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA950-SEP Datasheet HTML 9Page - Texas Instruments INA950-SEP Datasheet HTML 10Page - Texas Instruments INA950-SEP Datasheet HTML 11Page - Texas Instruments INA950-SEP Datasheet HTML 12Page - Texas Instruments INA950-SEP Datasheet HTML 13Page - Texas Instruments INA950-SEP Datasheet HTML 14Page - Texas Instruments INA950-SEP Datasheet HTML 15Page - Texas Instruments INA950-SEP Datasheet HTML 16Page - Texas Instruments INA950-SEP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
6.3.3 Low Input Bias Current
The INA950-SEP input bias current draws 20μA (typical) even with common-mode voltages as high as 80V. This
current enables precision current sensing in applications where the sensed current is small or in applications that
require lower input leakage current.
6.3.4 Low VSENSE Operation
The INA950-SEP enables accurate current measurement across the entire valid VSENSE range. The zero-drift
input architecture of the INA950-SEP provides the low offset voltage and low offset drift required to measure
low VSENSE levels accurately across the wide operating temperature of –55°C to +125°C. The capability to
measure low sense voltages enables accurate measurements at lower load currents, and also allows reduction
of the sense resistor value for a given operating current, which minimizes the power loss in the current-sensing
element.
6.3.5 Wide Fixed-Gain Output
The INA950-SEP gain error is < 0.1% at room temperature for most gain options, with a maximum drift of
5ppm/°C over the full temperature range of –55°C to +125°C.
The INA950-SEP closed-loop gain is set by a precision, low-drift internal resistor network. The ratio of these
resistors are excellently matched, although the absolute values can vary significantly. TI does not recommend
adding additional resistance around the INA950-SEP to change the effective gain because of this variation.
Table 6-1 describes the typical values of the internal gain resistors seen in the functional diagram above.
Table 6-1. Fixed Gain Resistors
GAIN
R1
RL
20 (V/V)
25kΩ
500kΩ
www.ti.com
INA950-SEP
SBOSAK8 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA950-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com