Electronic Components Datasheet Search
  English  ▼

X  

INA950-SEP Datasheet(PDF) 8 Page - Texas Instruments

Part # INA950-SEP
Description  INA950-SEP 2.7V to 80V, 1.1MHz, Ultra-Precise, Current-Sense Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA950-SEP Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA950-SEP Datasheet HTML 4Page - Texas Instruments INA950-SEP Datasheet HTML 5Page - Texas Instruments INA950-SEP Datasheet HTML 6Page - Texas Instruments INA950-SEP Datasheet HTML 7Page - Texas Instruments INA950-SEP Datasheet HTML 8Page - Texas Instruments INA950-SEP Datasheet HTML 9Page - Texas Instruments INA950-SEP Datasheet HTML 10Page - Texas Instruments INA950-SEP Datasheet HTML 11Page - Texas Instruments INA950-SEP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
5.6 Typical Characteristics (continued)
All specifications at TA = 25°C, VS = 5V, VSENSE = VIN+ – VIN– = 0.5V / Gain, and VCM = VIN– = 48V (unless otherwise noted).
Temperature ( C)
-75
-50
-25
0
25
50
75
100
125
150
175
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
Figure 5-7. Power-Supply Rejection Ratio vs. Temperature
Frequency (Hz)
20
40
60
80
100
120
140
160
10
100
1k
10k
100k
1M
SPACE
Figure 5-8. Power-Supply Rejection Ratio vs. Frequency
Common-Mode Voltage (V)
-20
-10
0
10
20
30
40
50
60
70
80
-5
0
5
10
15
20
25
VS = 5V
VS = 2.7V
VS = 0V
VSENSE = 0V
Figure 5-9. Input Bias Current vs. Common-Mode Voltage
Temperature ( C)
-75
-50
-25
0
25
50
75
100
125
150
175
-5
0
5
10
15
20
25
VS = 2.7 to 5V, VCM = 2.7V
VS = 0V, VCM = 48V
Figure 5-10. Input Bias Current vs. Temperature
VSENSE (mV)
0
200
400
600
800
1000
-160
-120
-80
-40
0
40
80
120
160
200
240
IB+
IB-
IB+, VS = 0V
IB-, VS = 0V
Figure 5-11. Input Bias Current vs. VSENSE
Output Current (mA)
0
5
10
15
20
25
30
35
40
GND
GND + 1
GND + 2
VS
VS - 1
VS - 2
25qC
125qC
-40qC
VS = 2.7V
Figure 5-12. Output Voltage vs. Output Current
INA950-SEP
SBOSAK8 – MARCH 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA950-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com